Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS81102G0VTP Datasheet(PDF) 10 Page - ATMEL Corporation

No. de pieza TS81102G0VTP
Descripción Electrónicos  DMUX 8-/10-bit 2 GHz 1:4/8
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS81102G0VTP Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button TS81102G0VTP Datasheet HTML 6Page - ATMEL Corporation TS81102G0VTP Datasheet HTML 7Page - ATMEL Corporation TS81102G0VTP Datasheet HTML 8Page - ATMEL Corporation TS81102G0VTP Datasheet HTML 9Page - ATMEL Corporation TS81102G0VTP Datasheet HTML 10Page - ATMEL Corporation TS81102G0VTP Datasheet HTML 11Page - ATMEL Corporation TS81102G0VTP Datasheet HTML 12Page - ATMEL Corporation TS81102G0VTP Datasheet HTML 13Page - ATMEL Corporation TS81102G0VTP Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10
TS81102G0
2105C–BDC–11/03
Note:
Absolute maximum ratings are limiting values, to be applied individually, while other parameters are within specified operating
conditions. Long exposure to maximum rating may affect device reliability. The use of a thermal heat sink is mandatory. See
“Thermal and Moisture Characteristics” on page 26.
Recommended
Operating
Conditions
Data output current
A[0…9] to H[0…9] or
RefA to RefH or
DR or DRb
Maximum current
36
mA
TTL input voltage
Clkln Type
RatioSel
NbBit
AsyncReset
BIST
GND to VCC
V
Maximum input voltage on diode for
temperature measurement
DIODE
700
mV
Maximum input current on diode
DIODE
8
mA
Maximum junction temperature
Tj
135
°C
Storage temperature
T
stg
-65 to 150
°C
Table 2. Absolute Maximum Ratings (Continued)
Parameter
Symbol
Comments
Value
Unit
Table 3. Recommended Operating Conditions
Parameter
Symbol
Comments
Recommended Value
Min
Typ
Max
Unit
Positive supply voltage
VCC
4.45
5
5.25
V
Positive output buffer supply
voltage
V
PLUSD
ECL output compatibility
0
V
Positive output buffer supply
voltage
VPLUSD
PECL output compatibility
3.3
V
Positive output buffer supply
voltage
V
PLUSD
TTL output compatibility
3.3
V
Negative supply voltage
V
EE
-5.25-5-4.75
V
Operating temperature range
T
J
Commercial grade: “C”
Industrial grade: “V”
0 < Tc; Tj < 90
-40 < Tc; Tj < 110
°C


Número de pieza similar - TS81102G0VTP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
TS8114LF BOTHHAND-TS8114LF Datasheet
76Kb / 1P
   10 /100 BASE PULSE TRANSFORMER
TS8115LF BOTHHAND-TS8115LF Datasheet
79Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
More results

Descripción similar - TS81102G0VTP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
AT84CS001 ATMEL-AT84CS001 Datasheet
131Kb / 8P
   10-BIT 1:2/4 2.2GHz LVDS DMUX
AT84AS003 ATMEL-AT84AS003 Datasheet
157Kb / 8P
   10-bit 1.5 Gsps ADC With 1:4 DMUX
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163 Datasheet
58Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
ON Semiconductor
MC10E163 ONSEMI-MC10E163 Datasheet
102Kb / 4P
   2-BIT 8:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163_06 Datasheet
60Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
Analog Devices
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
logo
Teledyne Technologies I...
CMA-8-2004 TELEDYNE-CMA-8-2004 Datasheet
891Kb / 2P
   Amplifier 2 GHz - 8 GHz
logo
Analog Devices
AD7776 AD-AD7776 Datasheet
220Kb / 12P
   LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
REV. 0
logo
Teledyne Technologies I...
CPA-8-2003 TELEDYNE-CPA-8-2003 Datasheet
892Kb / 2P
   Amplifier 2 GHz - 8 GHz
CPA-8-2004 TELEDYNE-CPA-8-2004 Datasheet
892Kb / 2P
   Amplifier 2 GHz - 8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com