Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MLX90805 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza MLX90805
Descripción Electrónicos  Intelligent Triac Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

MLX90805 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MLX90805 Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MLX902xx Name of Sensor
Rev Y.X
22/Aug/98
Page 3
MLX90805
Intelligent Triac Controller
MLX90805 Intelligent Triac Controller
Page 3
Rev 1.2
17/May/00
MLX90805 Electrical Specifications
Environmental Conditions
Symbol
Description
Min
Typ
Max
Unit
Condition
Tamb
Ambient temperature
0
85
°C
Tch
Maximum chip temperature
150
°C
Rth
Thermal resistance
110
°C/
Ω DIP8 or SOP8 package
IDDAm
Maximum allowed source sup-
ply current
10
mA
Drivers off, all the current flows
in the chip
Analog Features
Power Supply
High voltage supply should be applied between VDDA and VSS.
Symbol
Description
Min
Typ
Max
Unit
Condition
VDDA
Voltage applied at the supply
pin
14
16
18
V
IDDA = 5mA
VDD
Internal 5V supply
4.6
5.0
5.4
V
IDDA
Current consumption
3
mA
VDDA = 14V
VREF
For external circuitry
4.6
5
5.4
V
IREF = 8mA
Power On Reset
This block ensures a correct start of the digital part.
The reset signal goes up for VDD > Vdporh and down for VDD < Vdporl.
Symbol
Description
Min
Typ
Max
Unit
Conditions
Vdporh
High level threshold
2.5
V
Vdporl
Low level threshold
2.0
V
Vdphyst
Hysteresis
0.5
V
Symbol
Description
Min
Typ
Max
Unit
Condition
Vaporh
High level threshold
12
13
14
V
Vaporl
Low level threshold
9
10
11
V
Vaphyst
Hysteresis
2
3
4
V


Número de pieza similar - MLX90805

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Melexis Microelectronic...
MLX90805 MELEXIS-MLX90805 Datasheet
192Kb / 9P
   Programming kit
More results

Descripción similar - MLX90805

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OptoSupply Internationa...
OE0422 OPTOSUPPLY-OE0422 Datasheet
64Kb / 1P
   PIR intelligent controller
logo
List of Unclassifed Man...
OZ960 ETC1-OZ960 Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
logo
Zilog, Inc.
Z84C1510FEC00TR ZILOG-Z84C1510FEC00TR Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84013 ZILOG-Z84013 Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84C1506FEC ZILOG-Z84C1506FEC Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z8401510FEC ZILOG-Z8401510FEC Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
logo
Freescale Semiconductor...
MC3PHAC FREESCALE-MC3PHAC Datasheet
781Kb / 36P
   Monolithic Intelligent Motor Controller
logo
O2Micro International L...
OZ960 O2MICRO-OZ960 Datasheet
205Kb / 12P
   Intelligent CCFL Inverter Controller
10/23/01
logo
NXP Semiconductors
74F1763 PHILIPS-74F1763 Datasheet
117Kb / 16P
   Intelligent DRAM controller IDC
1999 Jan 08
logo
OptoSupply Internationa...
OE0622 OPTOSUPPLY-OE0622 Datasheet
82Kb / 1P
   PIR CDS intelligent controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com