Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MLX90805 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers |
|
MLX90805 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers |
9 / 13 page MLX902xx Name of Sensor Rev Y.X 22/Aug/98 Page 9 MLX90805 Intelligent Triac Controller MLX90805 Intelligent Triac Controller Page 9 Rev 1.2 17/May/00 Applications Example - Soft Start with 2-Wire Setting 90805 T H P Vref FB SET RP R1 R2 NTC Pot Vss RZ L RM ZC N Vdda TRG Cf M Soft Start With 2-Wire Setting The speed control is performed in addition to the soft start in this application. A potentiometer in 2-wire connection is used to define different speed settings. An additional resistor RP with value equal to the po- tentiometer is used to keep the ADC input to be ra- tiometric. In this case, the input signal for the ADC varies between 0 and VREF/2. The minimum speed corresponds to a potentiometer set to its minimum value (i.e. Rpot = 0). Maximum speed corresponds to a potentiometer set to its maxi- mum value. When the mains voltage is applied to the system, the motor starts running at a speed defined by the potentiometer, as soon as the soft start time has finished. The disadvantage of the 2-wire application is that, at maximum speed setting, the tolerance on the abso- lute value of the potentiometer defines the tolerance of the voltage at the SET input, resulting in a less accurate selection of the maximum speed setting. This can be avoided when using the 3-wire applica- tion. The voltage at SET is transferred to a 4 bit value to address a ROM table in which the different phase angles are defined with a 10 bit resolution. The 2-wire mode is selected by connecting VFB to VREF (eventually via a resistor). Note: R1, R2 and NTC are only needed for thermal pro- tection, and can be left out otherwise |
Número de pieza similar - MLX90805 |
|
Descripción similar - MLX90805 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |