Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MLX90805SA-X Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza MLX90805SA-X
Descripción Electrónicos  Intelligent Triac Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

MLX90805SA-X Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MLX90805SA-X Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90805SA-X Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90805SA-X Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90805SA-X Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90805SA-X Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90805SA-X Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90805SA-X Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90805SA-X Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90805SA-X Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MLX90805
Intelligent Triac Controller
MLX90805 Intelligent Triac Controller
Page 4
Rev 1.2
17/May/00
Zero Cross Detector
This detector contains two comparators with hysteresis. The first comparator has its reference at VDDA. The
reference of the second one is VDDA-1V.
Symbol
Description
Min
Typ
Max
Unit
Conditions
Vzc1h
High level threshold 1
VDDA
+0.5
V
Vzc1l
Low level threshold 1
VDDA
-0.5
V
Vzc2h
High level threshold 2
VDDA
-1.5
V
Vzc2l
Low level threshold 2
VDDA
-2.5
V
Rzc
External resistor
470
k
Vline = 230VAC typ
Triac (Ignition) Driver
This driver operates as a current generator to fire the triac ON.
Symbol
Description
Min
Typ
Max
Unit
Conditions
ITRG
Triac gate current
30
60
90
mA
VDDA > Vaporh
ADC
Symbol
Description
Min
Typ
Max
Unit
Conditions
Resolution
4
bits
VREF
Reference voltage
4.6
5
5.4
V


Número de pieza similar - MLX90805SA-X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Melexis Microelectronic...
MLX90805 MELEXIS-MLX90805 Datasheet
192Kb / 9P
   Programming kit
More results

Descripción similar - MLX90805SA-X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OptoSupply Internationa...
OE0422 OPTOSUPPLY-OE0422 Datasheet
64Kb / 1P
   PIR intelligent controller
logo
List of Unclassifed Man...
OZ960 ETC1-OZ960 Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
logo
Zilog, Inc.
Z84C1510FEC00TR ZILOG-Z84C1510FEC00TR Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84013 ZILOG-Z84013 Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84C1506FEC ZILOG-Z84C1506FEC Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z8401510FEC ZILOG-Z8401510FEC Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
logo
Freescale Semiconductor...
MC3PHAC FREESCALE-MC3PHAC Datasheet
781Kb / 36P
   Monolithic Intelligent Motor Controller
logo
O2Micro International L...
OZ960 O2MICRO-OZ960 Datasheet
205Kb / 12P
   Intelligent CCFL Inverter Controller
10/23/01
logo
NXP Semiconductors
74F1763 PHILIPS-74F1763 Datasheet
117Kb / 16P
   Intelligent DRAM controller IDC
1999 Jan 08
logo
OptoSupply Internationa...
OE0622 OPTOSUPPLY-OE0622 Datasheet
82Kb / 1P
   PIR CDS intelligent controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com