Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4544DY Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza SI4544DY
Descripción Electrónicos  N- and P-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4544DY Datasheet(HTML) 6 Page - Vishay Siliconix

  SI4544DY Datasheet HTML 1Page - Vishay Siliconix SI4544DY Datasheet HTML 2Page - Vishay Siliconix SI4544DY Datasheet HTML 3Page - Vishay Siliconix SI4544DY Datasheet HTML 4Page - Vishay Siliconix SI4544DY Datasheet HTML 5Page - Vishay Siliconix SI4544DY Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Si4544DY
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
6
Document Number: 70768
S-56944—Rev. C, 23-Nov-98
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
P-CHANNEL
1.25
1.50
0.00
0.04
0.08
0.12
0.16
0.20
0
2468
10
–0.6
–0.4
–0.2
–0.0
0.2
0.4
0.6
0.8
–50
–25
0
25
50
75
100
125
150
2
1
0.1
0.01
10–4
10–3
10–2
10–1
110
30
1
10
20
ID = 5.7 A
ID = 250 mA
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
0.01
0
1
30
40
10
20
10
30
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 52_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
Threshold Voltage
Single Pulse Power
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
TJ – Temperature (_C)
Time (sec)
0.1
0.00
0.25
0.50
0.75
1.00
TJ = 25_C
TJ = 150_C


Número de pieza similar - SI4544DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4544DY VISHAY-SI4544DY Datasheet
119Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI4544DY VISHAY-SI4544DY_V01 Datasheet
119Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI4544DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
SI5504BDC VISHAY-SI5504BDC_10 Datasheet
152Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com