Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9731 Datasheet(PDF) 8 Page - Vishay Siliconix

No. de pieza SI9731
Descripción Electrónicos  UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9731 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SI9731 Datasheet HTML 2Page - Vishay Siliconix SI9731 Datasheet HTML 3Page - Vishay Siliconix SI9731 Datasheet HTML 4Page - Vishay Siliconix SI9731 Datasheet HTML 5Page - Vishay Siliconix SI9731 Datasheet HTML 6Page - Vishay Siliconix SI9731 Datasheet HTML 7Page - Vishay Siliconix SI9731 Datasheet HTML 8Page - Vishay Siliconix SI9731 Datasheet HTML 9Page - Vishay Siliconix SI9731 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.vishay.com
8
Document Number: 71321
S-60869-Rev. B, 22-May-06
Vishay Siliconix
Si9731
DETAIL OPERATIONAL DESCRIPTION
Si9731 is a chemistry independent battery charger designed
for use with a system processor. For example, Si9731 can be
integrated within a cellular phone whereby the fast charge
and trickle (slow) charge modes can be software controlled
by the DSP. The device is designed to charge 1-cell Li-ion or
1-cell to 3-cell NiCd/NiMH batteries. A regulated or unregu-
lated external dc power source such as a wall adapter rated
at typically 4.5 V to 12 V is connected to Si9731’s VCHARGER
input pin. Note that a typical low cost wall adaptor is com-
prised of a transformer, bridge rectifier and a reservoir
capacitor. The wall adaptor’s output voltage decreases lin-
early with increase in output current. When Si9731 is fast
charging the battery, the wall adaptor’s output voltage tracks
the battery voltage plus the voltage drop across Q1 (charging
current times MOSFET Q1’s rDS(on), see Figure 1). The key
features of Si9731 are described below.
Since the under voltage lock out (UVLO) point of Si9731 is
2.6 V (typical), it is essential to keep the charger voltage
above this level under all conditions, especially for fast
charging of single cell NiCd/NiMH. One simple solution is
adding a external resistor between VBAT+ pin and the battery,
which creates extra voltage drop to elevate the charger volt-
age. The value of the resistor is affected by the output V-I
characteristic of the ac charger.
Trickle Charge
The charge path is via N-Channel MOSFETs Q1 or Q2 (see
applications circuit of Figure 1). Si9731 defaults to trickle
(slow) charge mode if the battery voltage is too low to power
the main processor. With the main processor unable to drive
the MAINCHARGEEN pin as well as the TRICKLECHAR-
GEEN pins, Q1 is turned "OFF" preventing fast charging.
Meanwhile N-Channel MOSFET Q2 turns "ON" and estab-
lishes a trickle charge path from the external power source
VCHARGER to the battery. The trickle charge current is set by
an external current limiting resistor, Rext, and is approxi-
mately ITRICKLE = (VCHARGER - VBAT+)/Rext. Once the battery
voltage charges up to minimum battery operating voltage
3.4 V,
the
internal
latch
is
triggered
and
the
CHARGERPOWER_ON output changes state to wake up
the processor. The processor is now able to disable trickle
charge mode by taking the TRICKLECHARGEEN pin high
while taking control of fast charging via the MAINCHAR-
GEEN pin.
Fast Charge
Fast charging is accomplished by the low "ON" resistance
MOSFET, Q1. The application microprocessor is able to
"Pulse Charge" the battery via the MAINCHARGEREN con-
trol input of Si9731. The processor monitors the battery volt-
age via the system A/D converter and varies the pulse
charging duty cycle accordingly to maintain fast charging.
Note that even though charging current may be sufficiently
high, pulse charging with short "ON" time and long "OFF"
time ensures that heat generation due to thermal heating is
reduced.
In the case of NiCd or NiMH batteries, one of several charge
termination schemes may be used to terminate charge. For
example, the processor may disable fast charging by sens-
ing
ΔV or dV/dt at the V
BAT+ output or by monitoring the tem-
perature differential
ΔT of the battery. Following fast charge,
trickle charge may be enabled to "top off" the battery.
When charging a 1-cell Li-ion battery, fast charging will oper-
ate in two modes, constant current mode followed by con-
stant voltage mode. In the constant current mode, a
discharged Li-ion battery is charged with constant current
available from the external dc source. The MOSFET pass
transistor (Q1) may be pulsed "ON" and "OFF" at varying
duty cycle by the control signal present at the MAINCHAR-
GEEN input pin. Once the battery voltage reaches it’s termi-
nation voltage of 4.1 V or 4.2 V (depending on the connection
of the 4.1 VTAP), Si9731 may be placed in the "Constant Volt-
age" charging mode by taking the CVMODE pin high. Taking
CVMODE pin high disables trickle charging and enables the
internal battery voltage divider by turning ON Q5. Then the
error amplifier will compare divided VBAT+ voltage against an
internal precision 1.3 V bandgap reference voltage (see Fig-
ure 1). The output of the error amplifier drives the pass tran-
sistor Q1 to maintain VBAT+ at the regulated termination
voltage. This operation is same as a linear regulator.
True Load Disconnect
Both the fast charge FET (Q1 in Figure 1) and trickle charge
FET (Q2 in Figure 1) incorporate a floating body diode. In
their "OFF" state both FETs block current bidirectionally.
Note that because of the reverse blocking switches, a Schot-
tky diode in series with the external VCHARGER power supply
is not required.


Número de pieza similar - SI9731

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9731 VISHAY-SI9731 Datasheet
148Kb / 11P
   uP Controlled Battery Charger for 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Rev. C, 26-Oct-09
SI9731DB VISHAY-SI9731DB Datasheet
148Kb / 11P
   uP Controlled Battery Charger for 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Rev. C, 26-Oct-09
SI9731DQ VISHAY-SI9731DQ Datasheet
148Kb / 11P
   uP Controlled Battery Charger for 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Rev. C, 26-Oct-09
SI9731 VISHAY-SI9731_09 Datasheet
148Kb / 11P
   uP Controlled Battery Charger for 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Rev. C, 26-Oct-09
More results

Descripción similar - SI9731

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9731 VISHAY-SI9731_09 Datasheet
148Kb / 11P
   uP Controlled Battery Charger for 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Rev. C, 26-Oct-09
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Intersil Corporation
ISL9220 INTERSIL-ISL9220_10 Datasheet
549Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
ISL9220IRTZ-T INTERSIL-ISL9220IRTZ-T Datasheet
513Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
logo
Monolithic Power System...
MP2615C MPS-MP2615C Datasheet
1Mb / 22P
   2.1A, 1-Cell or 2-Cell Li-Ion Battery Charger in (3mmx3mm) Package
Rev. 1.1 6/15/2023
logo
Torex Semiconductor
XC6801 TOREX-XC6801_15 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
   1 Cell Li-ion Battery Linear Charger IC
logo
Shanghai Consonance Ele...
CN3763 CONSONANCE-CN3763 Datasheet
211Kb / 11P
   Standalone 3-Cell Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com