Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3296 Datasheet(PDF) 1 Page - NEC

No. de pieza 2SK3296
Descripción Electrónicos  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

2SK3296 Datasheet(HTML) 1 Page - NEC

  2SK3296 Datasheet HTML 1Page - NEC 2SK3296 Datasheet HTML 2Page - NEC 2SK3296 Datasheet HTML 3Page - NEC 2SK3296 Datasheet HTML 4Page - NEC 2SK3296 Datasheet HTML 5Page - NEC 2SK3296 Datasheet HTML 6Page - NEC 2SK3296 Datasheet HTML 7Page - NEC 2SK3296 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1999, 2000
MOS FIELD EFFECT TRANSISTOR
2SK3296
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
Document No.
D14063EJ2V0DS00 (2nd edition)
Date Published
May 2001 NS CP(K)
Printed in Japan
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
DESCRIPTION
The 2SK3296 is N-Channel MOS FET device that features a
low on-state resistance and excellent switching characteristics,
designed for low voltage high current applications such as
DC/DC converter with synchronous rectifier.
FEATURES
• 4.5 V drive available
• Low on-state resistance
RDS(on)1 = 12 m
Ω MAX. (VGS = 10 V, ID = 18 A)
• Low gate charge
QG = 30 nC TYP. (ID = 35 A, VDD = 16 V, VGS = 10 V)
• Built-in gate protection diode
• Surface mount device available
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
20
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC) (TC = 25°C)
ID(DC)
±35
A
Drain Current (Pulse)
Note
ID(pulse)
±140
A
Total Power Dissipation (TA = 25°C)
PT1
1.5
W
Total Power Dissipation (TC = 25°C)
PT2
40
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Note PW
≤ 10
µs, Duty Cycle ≤ 1%
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3296
TO-220AB
2SK3296-S
TO-262
2SK3296-ZK
TO-263(MP-25ZK)
2SK3296-ZJ
TO-263(MP-25ZJ)
The mark
shows major revised points.


Número de pieza similar - 2SK3296

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SK3296 KEXIN-2SK3296 Datasheet
44Kb / 1P
   MOS Field Effect Transistor
logo
Renesas Technology Corp
2SK3296 RENESAS-2SK3296 Datasheet
546Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
2SK3296-S RENESAS-2SK3296-S Datasheet
546Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
2SK3296-ZJ RENESAS-2SK3296-ZJ Datasheet
546Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
2SK3296-ZK RENESAS-2SK3296-ZK Datasheet
546Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Descripción similar - 2SK3296

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com