Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ABT162244CSSC Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza 74ABT162244CSSC
Descripción Electrónicos  16-Bit Buffer/Line Driver with 25 OHM Series Resistors in the Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT162244CSSC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ABT162244CSSC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT162244CSSC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT162244CSSC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT162244CSSC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT162244CSSC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT162244CSSC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT162244CSSC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Capacitance
Note 4: COUT is measured at frequency f = 1 MHz per MIL-STD-883, Method 3012.
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
VCC = +5V
VCC = 4.5V–5.5V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation
1.0
2.4
3.9
1.0
3.9
ns
tPHL
Delay Data to Outputs
1.0
3.2
4.7
1.0
4.7
tPZH
Output
1.5
3.5
6.3
1.5
6.3
ns
tPZL
Enable Time
1.5
4.2
6.9
1.5
6.9
tPHZ
Output
1.0
4.2
6.7
1.0
6.7
ns
tPLZ
Disable Time
1.0
3.8
6.7
1.0
6.7
Symbol
Parameter
Typ
Units
Conditions
TA = 25°C
CIN
Input Capacitance
5.0
pF
VCC = 0.0V
COUT (Note 4)
Output Capacitance
9.0
pF
VCC = 5.0V


Número de pieza similar - 74ABT162244CSSC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ABT162244CSSC FAIRCHILD-74ABT162244CSSC Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
More results

Descripción similar - 74ABT162244CSSC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2240 FAIRCHILD-74ABT2240 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244 Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2541 FAIRCHILD-74ABT2541 Datasheet
100Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74FR2244 FAIRCHILD-74FR2244 Datasheet
52Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74FR2240 FAIRCHILD-74FR2240 Datasheet
44Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74F2244 FAIRCHILD-74F2244 Datasheet
52Kb / 6P
   Octal Buffer/Line Driver with 25廓 Series Resistors in Outputs
74LCX162244 FAIRCHILD-74LCX162244 Datasheet
217Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
74F2240 FAIRCHILD-74F2240 Datasheet
41Kb / 5P
   Octal Buffer/Line Driver with 25W Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244_07 Datasheet
281Kb / 10P
   Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com