Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM25040-S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza FM25040-S
Descripción Electrónicos  4Kb FRAM Serial Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

FM25040-S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FM25040-S Datasheet HTML 1Page - List of Unclassifed Manufacturers FM25040-S Datasheet HTML 2Page - List of Unclassifed Manufacturers FM25040-S Datasheet HTML 3Page - List of Unclassifed Manufacturers FM25040-S Datasheet HTML 4Page - List of Unclassifed Manufacturers FM25040-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM25040-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM25040-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM25040-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM25040-S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This data sheet contains design specifications for product development.
Ramtron International Corporation
These specifications may change in any manner without notice
1850 Ramtron Drive, Colorado Springs, CO 80921
(800) 545-FRAM, (719) 481-7000, Fax (719) 481-7058
www.ramtron.com
11 May 2000
1/14
FM25040
4Kb FRAM Serial Memory
Features
4K bit Ferroelectric Nonvolatile RAM
Organized as 512 x 8 bits
High endurance 10 Billion (10
10) read/writes
10 year data retention at 85
° C
NoDelay™ write
Advanced high-reliability ferroelectric process
Fast Serial Peripheral Interface - SPI
Up to 2.1 MHz maximum bus frequency
Direct hardware replacement for EEPROM
Supports SPI Mode 0 (CPOL=0, CPHA=0)
Sophisticated Write Protection Scheme
Hardware protection
Software protection
Low Power Consumption
10
µA standby current
Industry Standard Configuration
Industrial temperature -40
° C to +85° C
8-pin SOP or DIP
Description
The FM25040 is a 4-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or FRAM is
nonvolatile but operates in other respects as a RAM.
It provides reliable data retention for 10 years while
eliminating the complexities, overhead, and system
level reliability problems caused by EEPROM and
other nonvolatile memories.
Unlike serial EEPROMs, the FM25040 performs
write operations at bus speed. No write delays are
incurred. Data is written to the memory array mere
hundreds
of
nanoseconds
after
it
has
been
successfully transferred to the device. The next bus
cycle may commence immediately. In addition the
product offers substantial write endurance compared
with other nonvolatile memories. The FM25040 is
capable of supporting up to 1E10 read/write cycles --
far more than most systems will require from a serial
memory.
These capabilities make the FM25040 ideal for
nonvolatile memory applications requiring frequent
or rapid writes. Examples range from data collection,
where the number of write cycles may be critical, to
demanding industrial controls where the long write
time of EEPROM can cause data loss.
The FM25040 provides substantial benefits to users
of
serial
EEPROM,
in
a
hardware
drop-in
replacement. The FM25040 uses the high-speed SPI
bus which enhances the high-speed write capability of
FRAM technology. It is guaranteed over an industrial
temperature range of -40°C to +85°C.
Pin Configuration
CS
SO
WP
VSS
VCC
HOLD
SCK
SI
Pin Names
Function
/CS
Chip Select
SO
Serial Data Output
/WP
Write Protect
VSS
Ground
SI
Serial Data Input
SCK
Serial Clock
/HOLD
Hold
VCC
Supply Voltage 5V
Ordering Information
FM25040-P
8-pin plastic DIP
FM25040-S
8-pin SOP


Número de pieza similar - FM25040-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
FM25040A-G RAMTRON-FM25040A-G Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
FM25040A-S RAMTRON-FM25040A-S Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B Datasheet
449Kb / 13P
   4Kb Serial 5V F-RAM Memory
More results

Descripción similar - FM25040-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FM24CL04 ETC-FM24CL04 Datasheet
119Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C04A ETC1-FM24C04A Datasheet
100Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C04A RAMTRON-FM24C04A_05 Datasheet
98Kb / 12P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25CL04 ETC-FM25CL04 Datasheet
98Kb / 11P
   4Kb FRAM Serial 3V Memory
FM25L04 ETC-FM25L04 Datasheet
187Kb / 12P
   4Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25CL04 RAMTRON-FM25CL04_05 Datasheet
139Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com