Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM3712YW4BP308 Datasheet(PDF) 4 Page - National Semiconductor (TI) |
|
|
LM3712YW4BP308 Datasheet(HTML) 4 Page - National Semiconductor (TI) |
4 / 13 page Ordering Information 20011904 *For other voltages between 2.2V and 5.0V, please contact National Semiconductor sales office. LM3712/LM3713 Part Number Output Reset Timeout Period Watchdog Timeout Period Package Marking LM3712XQBP-308 totem-pole 200ms 1600ms %%IC LM3712XQBPX-308 totem-pole 200ms 1600ms %%IC LM3713XQBP-308 totem-pole 200ms 1600ms %%ID LM3713XQBPX-308 totem-pole 200ms 1600ms %%ID %% is the datecode and will vary with time. Table Of Functions Part Number Active Low Reset Active High Reset Output (X = totem-pole) (Y = open-drain) Reset Timeout Period Watchdog Timeout Period Manual Reset Power Fail Comparator LM3712 x X, Y* Customized Customized x x LM3713 x X Customized Customized x x * = available upon request. Contact National www.national.com 4 |
Número de pieza similar - LM3712YW4BP308 |
|
Descripción similar - LM3712YW4BP308 |