Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7886DP Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI7886DP
Descripción Electrónicos  N-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7886DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7886DP Datasheet HTML 1Page - Vishay Siliconix SI7886DP Datasheet HTML 2Page - Vishay Siliconix SI7886DP Datasheet HTML 3Page - Vishay Siliconix SI7886DP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si7886DP
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71842
S-20350—Rev. A, 18-Apr-02
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.6
1
1.4
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
"100
nA
VDS = 24 V, VGS = 0 V
1
m
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V, VGS = 0 V, TJ = 55_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
30
A
a
VGS = 10 V, ID = 25 A
0.0035
0.0045
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 23 A
0.0042
0.0055
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 25 A
90
S
Diode Forward Voltagea
VSD
IS = 2.9 A, VGS = 0 V
0.75
1.1
V
Dynamicb
Total Gate Charge
Qg
42
55
Gate-Source Charge
Qgs
VDS = 15 V, VGS = 4.5 V, ID = 25 A
12.8
nC
Gate-Drain Charge
Qgd
7.7
Gate Resistance
RG
1.3
W
Turn-On Delay Time
td(on)
17
30
Rise Time
tr
VDD = 15 V, RL = 15 W
14
25
Turn-Off Delay Time
td(off)
VDD = 15 V, RL = 15 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
158
230
ns
Fall Time
tf
43
65
Source-Drain Reverse Recovery Time
trr
IF = 2.9 A, di/dt = 100 A/ms
50
80
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
10
20
30
40
50
60
02468
10
VGS = 10 thru 3 V
25
_C
TC = 125_C
–55
_C
2 V
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)


Número de pieza similar - SI7886DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7886ADP VISHAY-SI7886ADP Datasheet
84Kb / 5P
   N-Channel 30-V D-S MOSFET
Rev. B, 23-May-05
SI7886ADP-T1 VISHAY-SI7886ADP-T1 Datasheet
84Kb / 5P
   N-Channel 30-V D-S MOSFET
Rev. B, 23-May-05
SI7886ADP-T1-E3 VISHAY-SI7886ADP-T1-E3 Datasheet
84Kb / 5P
   N-Channel 30-V D-S MOSFET
Rev. B, 23-May-05
More results

Descripción similar - SI7886DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com