Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMBG4737A Datasheet(PDF) 2 Page - Microsemi Corporation |
|
SMBG4737A Datasheet(HTML) 2 Page - Microsemi Corporation |
2 / 3 page SILICON 2.0 Watt ZENER DIODES SCOTTSD A L E DIVISION SMBG4728 thru SMBG4764A SMBJ4728 thru SMBJ4764A ELECTRICAL CHARACTERISTICS* JEDEC TYPE NUMBER (Note 1) ZENER VOLTAGE (Vz) (Note 4) TEST CURRENT (IZT) MAXIMUM DYNAMIC IMPEDANCE (ZZT @ IZT) (Note 2) MAXIMUM REVERSE CURRENT (IR @ VR) TEST VOLTAGE (VR) MAXIMUM REGULATOR CURRENT (IZM) TA = 50 oC MAXIMUM KNEE IMPEDANCE (ZZK @ IZK) (Note 2) TEST CURRENT (IZK) MAXIMUM (SURGE) CURRENT (IS) (Note 3) GULL-WING LEAD C-BEND (MOD. “J”) VOLTS mA OHMS µA VOLTS mA OHMS mA mA SMBG4728A SMBG4729A SMBG4730A SMBG4731A SMBJ4728A SMBJ4729A SMBJ4730A SMBJ4731A 3.3 3.6 3.9 4.3 76 69 64 58 10 10 9 9 100 100 50 10 1 1 1 1 276 252 234 217 400 400 400 400 1.0 1.0 1.0 1.0 1380 1260 1190 1070 SMBG4732A SMBG4733A SMBG4734A SMBG4735A SMBJ4732A SMBJ4733A SMBJ4734A SMBJ4735A 4.7 5.1 5.6 6.2 53 49 45 41 8 7 5 2 10 10 10 10 1 1 2 3 193 178 162 146 500 550 600 700 1.0 1.0 1.0 1.0 970 890 810 730 SMBG4736A SMBG4737A SMBG4738A SMBG4739A SMBJ4736A SMBJ4737A SMBJ4738A SMBJ4739A 6.8 7.5 8.2 9.1 37 34 31 28 3.5 4.0 4.5 5.0 10 10 10 10 4 5 6 7 133 121 110 100 700 700 700 700 1.0 0.5 0.5 0.5 660 605 550 500 SMBG4740A SMBG4741A SMBG4742A SMBG4743A SMBJ4740A SMBJ4741A SMBJ4742A SMBJ4743A 10 11 12 13 25 23 21 19 7 8 9 10 10 5 5 5 7.6 8.4 9.1 9.9 91 83 76 69 700 700 700 700 0.25 0.25 0.25 0.25 454 414 380 344 SMBG4744A SMBG4745A SMBG4746A SMBG4747A SMBJ4744A SMBJ4745A SMBJ4746A SMBJ4747A 15 16 18 20 17 15.5 14 12.5 14 16 20 22 5 5 5 5 11.4 12.2 13.7 15.2 61 57 50 45 700 700 750 750 0.25 0.25 0.25 0.25 304 285 250 225 SMBG4748A SMBG4749A SMBG4750A SMBG4751A SMBJ4748A SMBJ4749A SMBJ4750A SMBJ4751A 22 24 27 30 11.5 10.5 9.5 8.5 23 25 35 40 5 5 5 5 16.7 18.2 20.6 22.8 41 38 34 30 750 750 750 1000 0.25 0.25 0.25 0.25 205 190 170 150 SMBG4752A SMBG4753A SMBG4754A SMBG4755A SMBJ4752A SMBJ4753A SMBJ4754A SMBJ4755A 33 36 39 43 7.5 7.0 6.5 6.0 45 50 60 70 5 5 5 5 25.1 27.4 29.7 32.7 27 25 23 22 1000 1000 1000 1500 0.25 0.25 0.25 0.25 135 125 115 110 SMBG4756A SMBG4757A SMBG4758A SMBG4759A SMBJ4756A SMBJ4757A SMBJ4758A SMBJ4759A 47 51 56 62 5.5 5.0 4.5 4.0 80 95 110 125 5 5 5 5 35.8 38.8 42.6 47.1 19 18 16 14 1500 1500 2000 2000 0.25 0.25 0.25 0.25 95 90 80 70 SMBG4760A SMBG4761A SMBG4762A SMBG4763A SMBJ4760A SMBJ4761A SMBJ4762A SMBJ4763A 68 75 82 91 3.7 3.3 3.0 2.8 150 175 200 250 5 5 5 5 51.7 56.0 62.2 69.2 13 12 11 10 2000 2000 3000 3000 0.25 0.25 0.25 0.25 65 60 55 50 SMBG4764A SMBJ4764A 100 2.5 350 5 76.0 9 3000 0.25 45 *JEDEC Registered Data NOTES: 1. The JEDEC type numbers shown with an A suffix have a 5% tolerance on nominal zener voltage. No suffix signifies a 10% tolerance, C signifies 2%, and D signifies 1% tolerance. Also add a P suffix for designating plastic construction (or G suffix for glass body). 2. The Zener impedance is derived from the 60 Hz ac voltage that results when an ac current having an rms value equal to 10% of the dc Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to ensure a sharp knee on the breakdown curve and eliminate unstable units. See MicroNote 202 for zener impedance variation with different operating currents. 3. The reverse surge current is measured at 25 oC ambient using a square wave or equivalent half-sine wave pulse 1/120 second duration superimposed on IZT. 4. Zener voltage (VZ) is measured at TL = 25ºC (+8, -2ºC) and 90 seconds after application of dc current. Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 2 Copyright 2002 8-21-2003 REV C |
Número de pieza similar - SMBG4737A |
|
Descripción similar - SMBG4737A |