Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST730C12L1L Datasheet(PDF) 1 Page - International Rectifier |
|
ST730C12L1L Datasheet(HTML) 1 Page - International Rectifier |
1 / 8 page Features Center amplifying gate Metal case with ceramic insulator International standard case TO-200AC (B-PUK) Typical Applications DC motor controls Controlled DC power supplies AC controllers I T(AV) 990 A @ T hs 55 °C I T(RMS) 2000 A @ T hs 25 °C I TSM @ 50Hz 17800 A @ 60Hz 18700 A I2t@ 50Hz 1591 KA2s @ 60Hz 1452 KA2s V DRM /V RRM 800 to 2000 V t q typical 150 µs T J - 40 to 125 °C Parameters ST730C..L Units Major Ratings and Characteristics case style TO-200AC (B-PUK) 990A PHASE CONTROL THYRISTORS Hockey Puk Version ST730C..L SERIES 1 Bulletin I25191 rev. D 04/03 www.irf.com |
Número de pieza similar - ST730C12L1L |
|
Descripción similar - ST730C12L1L |