Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC083AIDR Datasheet(PDF) 5 Page - Texas Instruments |
|
TLC083AIDR Datasheet(HTML) 5 Page - Texas Instruments |
5 / 52 page TLC080, TLC081, TLC082, TLC083, TLC084, TLC085, TLC08xA FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS SLOS254D − JUNE 1999 − REVISED FEBRUARY 2004 5 WWW.TI.COM electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT TLC080/1/2/3, 25 °C 390 1900 VIO Input offset voltage VDD = 5 V, TLC080/1/2/3, TLC084/5 Full range 3000 V VIO Input offset voltage VDD = 5 V, VIC = 2.5 V, TLC080/1/2/3A, 25 °C 390 1400 µV VIC = 2.5 V, VO = 2.5 V, RS = 50 Ω TLC080/1/2/3A, TLC084/5A Full range 2000 VIO Temperature coefficient of input O RS = 50 Ω 1.2 V/ °C αVIO Temperature coefficient of input offset voltage 1.2 µV/°C 25 °C 1.9 50 IIO Input offset current VDD = 5 V, TLC08XC Full range 100 pA IIO Input offset current VDD = 5 V, VIC = 2.5 V, TLC08XI Full range 700 pA VIC = 2.5 V, VO = 2.5 V, R = 50 Ω 25 °C 3 50 IIB Input bias current VO = 2.5 V, RS = 50 Ω TLC08XC Full range 100 pA IIB Input bias current TLC08XI Full range 700 pA VICR Common-mode input voltage RS = 50 Ω 25 °C 0 to 3.0 0 to 3.5 V VICR Common-mode input voltage RS = 50 Ω Full range 0 to 3.0 0 to 3.5 V IOH = − 1 mA 25 °C 4.1 4.3 IOH = − 1 mA Full range 3.9 IOH = − 20 mA 25 °C 3.7 4 IOH = − 20 mA Full range 3.5 VOH High-level output voltage VIC = 2.5 V IOH = − 35 mA 25 °C 3.4 3.8 V VOH High-level output voltage VIC = 2.5 V IOH = − 35 mA Full range 3.2 V 25 °C 3.2 3.6 IOH = − 50 mA −40 °C to 85 °C 3 IOL = 1 mA 25 °C 0.18 0.25 IOL = 1 mA Full range 0.35 IOL = 20 mA 25 °C 0.35 0.39 IOL = 20 mA Full range 0.45 VOL Low-level output voltage VIC = 2.5 V IOL = 35 mA 25 °C 0.43 0.55 V VOL Low-level output voltage VIC = 2.5 V IOL = 35 mA Full range 0.7 V 25 °C 0.45 0.63 IOL = 50 mA −40 °C to 85 °C 0.7 IOS Short-circuit output current Sourcing 25 °C 100 mA IOS Short-circuit output current Sinking 25 °C 100 mA IO Output current VOH = 1.5 V from positive rail 25 °C 57 mA IO Output current VOL = 0.5 V from negative rail 25 °C 55 mA † Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C. |
Número de pieza similar - TLC083AIDR |
|
Descripción similar - TLC083AIDR |