Nombre de pieza
         Descripción
MAX4782

 High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers ( 16 Page)


MAXIM
100% 
Zoom Out Zoom In
 6 page
background image
High-Speed, Low-Voltage, 0.7
Ω CMOS Analog
Switches/Multiplexers
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(GND = 0, TA = +25°C, unless otherwise noted.)
MAX4781 Pin Description
FREQUENCY RESPONSE
FREQUENCY (Hz)
100
100k
1M
10M
1k
10k
100M
-110
-90
-70
-50
-30
10
-10
VCC = 3V
ON-RESPONSE
CROSSTALK
OFF-ISOLATION
0.08
0.02
10
1k
10k
100
100k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
0.03
0.04
0.05
0.06
0.07
VCC = 3V
PIN
TSSOP
THIN QFN
NAME
FUNCTION
3
1
X
Analog Switch Output
64
ENABLE
Digital Enable Input. Normally connect to GND. Drive to logic high to set all switches
off.
7
5
N.C.
No Connection. Not internally connected.
8
6
GND
Ground
9
7
C
Digital Address C Input
10
8
B
Digital Address B Input
11
9
A
Digital Address A Input
13, 14, 15,
12, 1, 5, 2,
4
11, 12, 13,
10, 15, 3,
16, 2
X0–X7
Analog Switch Inputs X0–X7
16
14
VCC
Positive Analog and Digital Supply Voltage Input
EP
PAD
Exposed Pad. Connect to GND.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MAX4641High-Speed Low-Voltage 4Ω Dual SPST CMOS Analog Switches 1 2 3 4 5 MoreMaxim Integrated Products
MAX4644High-Speed Low-Voltage 4Ω SPDT CMOS Analog Switch 1 2 3 4 5 MoreMaxim Integrated Products
MAX4614Low-Voltage High-Speed Quad SPST CMOS Analog Switches 1 2 3 4 5 MoreMaxim Integrated Products
MAX4617High-Speed Low-Voltage CMOS Analog Multiplexers/Switches 1 2 3 4 5 MoreMaxim Integrated Products
MAX4051Low-Voltage CMOS Analog Multiplexers/Switches 1 2 3 4 5 MoreMaxim Integrated Products
PI5A4626SOTINY™ Low-Voltage Single-Supply 1-Ohm SPST CMOS Analog Switches 1 2 3 4 5 MorePericom Semiconductor Corporation
MAX4066Low-Cost Low-Voltage Quad SPST CMOS Analog Switches 1 2 3 4 5 MoreMaxim Integrated Products
PI5A4594ASOTINY Low-Voltage Single-Supply 8-Ohm SPST CMOS Analog Switches 1 2 3 4 5 MorePericom Semiconductor Corporation
MAX4620+/-15kV ESD-Protected Low-Voltage Quad SPST CMOS Analog Switches 1 2 3 4 5 MoreMaxim Integrated Products
MAX4501Low-Voltage SPST CMOS Analog Switches 1 2 3 4 5 MoreMaxim Integrated Products

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl