Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM236Z-2.5 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM236Z-2.5
Descripción Electrónicos  Reference Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM236Z-2.5 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM236Z-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LM236Z-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LM236Z-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LM236Z-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LM236Z-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LM236Z-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LM236Z-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LM236Z-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LM236Z-2.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM136-2.5/LM236-2.5/LM336-2.5V
Reference Diode
General Description
The LM136-2.5/LM236-2.5 and LM336-2.5 integrated cir-
cuits are precision 2.5V shunt regulator diodes. These
monolithic
IC
voltage
references
operate
as
a
low-temperature-coefficient 2.5V zener with 0.2
Ω dynamic
impedance. A third terminal on the LM136-2.5 allows the ref-
erence voltage and temperature coefficient to be trimmed
easily.
The LM136-2.5 series is useful as a precision 2.5V low volt-
age reference for digital voltmeters, power supplies or op
amp circuitry. The 2.5V make it convenient to obtain a stable
reference from 5V logic supplies. Further, since the
LM136-2.5 operates as a shunt regulator, it can be used as
either a positive or negative voltage reference.
The LM136-2.5 is rated for operation over −55˚C to +125˚C
while the LM236-2.5 is rated over a −25˚C to +85˚C tem-
perature range.
The LM336-2.5 is rated for operation over a 0˚C to +70˚C
temperature range. See the connection diagrams for avail-
able packages.
Features
n Low temperature coefficient
n Wide operating current of 400 µA to 10 mA
n 0.2
Ω dynamic impedance
n ±1% initial tolerance available
n Guaranteed temperature stability
n Easily trimmed for minimum temperature drift
n Fast turn-on
n Three lead transistor package
Connection Diagrams
TO-92
Plastic Package
DS005715-8
Bottom View
Order Number LM236Z-2.5,
LM236AZ-2.5, LM336Z-2.5 or LM336BZ-2.5
See NS Package Number Z03A
TO-46
Metal Can Package
DS005715-20
Bottom View
Order Number LM136H-2.5,
LM136H-2.5/883, LM236H-2.5,
LM136AH-2.5, LM136AH-2.5/883
or LM236AH-2.5
See NS Package Number H03H
May 1998
© 1999 National Semiconductor Corporation
DS005715
www.national.com


Número de pieza similar - LM236Z-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LM236Z-AP STMICROELECTRONICS-LM236Z-AP Datasheet
904Kb / 10P
   2.5V VOLTAGE REFERENCES
More results

Descripción similar - LM236Z-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM113 NSC-LM113 Datasheet
126Kb / 4P
   Reference Diode
logo
Texas Instruments
LM136-2.5-N TI1-LM136-2.5-N_14 Datasheet
453Kb / 16P
[Old version datasheet]   Reference Diode
logo
National Semiconductor ...
LM136A-2.5 NSC-LM136A-2.5 Datasheet
276Kb / 12P
   Reference Diode
LM136-2.5 NSC-LM136-2.5_05 Datasheet
679Kb / 12P
   Reference Diode
logo
Texas Instruments
LM113QML TI1-LM113QML_13 Datasheet
297Kb / 10P
[Old version datasheet]   Reference Diode
LM113 TI1-LM113_13 Datasheet
293Kb / 10P
[Old version datasheet]   Reference Diode
LM336BMX-2.5 TI1-LM336BMX-2.5 Datasheet
676Kb / 14P
[Old version datasheet]   Reference Diode
logo
National Semiconductor ...
LM136A-2.5 NSC-LM136A-2.5_09 Datasheet
311Kb / 14P
   Reference Diode
logo
Central Semiconductor C...
CMPD200 CENTRAL-CMPD200 Datasheet
59Kb / 2P
   FORWARD REFERENCE DIODE
logo
National Semiconductor ...
LM136 NSC-LM136 Datasheet
108Kb / 8P
   2.5V REFERENCE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com