Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SI4820DY-T1 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
SI4820DY-T1 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 4 page Si4820DY Vishay Siliconix Document Number: 70806 S-03950—Rev. F, 26-May-03 www.vishay.com 2-1 N-Channel Reduced Qg, Fast Switching MOSFET PRODUCT SUMMARY VDS (V) rDS(on) (W) ID (A) 30 0.0135 @ VGS = 10 V 10 30 0.020 @ VGS = 4.5 V 8 SD S D SD G D SO-8 5 6 7 8 Top View 2 3 4 1 N-Channel MOSFET DD G S D D S S Ordering Information: Si4820DY Si4820DY-T1 (with Tape and Reel) ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED) Parameter Symbol Limit Unit Drain-Source Voltage VDS 30 V Gate-Source Voltage VGS "20 V Continuous Drain Current (TJ = 150_C)a, b TA = 25_C ID 10 Continuous Drain Current (TJ = 150_C)a, b TA = 70_C ID 8 A Pulsed Drain Current (10 ms Pulse Width) IDM 50 A Continuous Source Current (Diode Conduction)a, b IS 2.3 Maximum Power Dissipation TA = 25_C PD 2.5 W Maximum Power Dissipation TA = 70_C PD 1.6 W Operating Junction and Storage Temperature Range (MOSFET and Schottky) TJ, Tstg - 55 to 150 _C THERMAL RESISTANCE RATINGS Parameter Symbol Typical Maximum Unit Maximum Junction to Ambient (MOSFET)a t v 10 sec R 50 _C/W Maximum Junction-to-Ambient (MOSFET)a Steady State RthJA 70 _C/W Notes a. Surface Mounted on FR4 Board. b. t v 10 sec. |
Número de pieza similar - SI4820DY-T1 |
|
Descripción similar - SI4820DY-T1 |