Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLA7062M Datasheet(PDF) 1 Page - Allegro MicroSystems

No. de pieza SLA7062M
Descripción Electrónicos  UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEGRO [Allegro MicroSystems]
Página de inicio  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7062M Datasheet(HTML) 1 Page - Allegro MicroSystems

  SLA7062M Datasheet HTML 1Page - Allegro MicroSystems SLA7062M Datasheet HTML 2Page - Allegro MicroSystems SLA7062M Datasheet HTML 3Page - Allegro MicroSystems SLA7062M Datasheet HTML 4Page - Allegro MicroSystems SLA7062M Datasheet HTML 5Page - Allegro MicroSystems SLA7062M Datasheet HTML 6Page - Allegro MicroSystems SLA7062M Datasheet HTML 7Page - Allegro MicroSystems SLA7062M Datasheet HTML 8Page - Allegro MicroSystems SLA7062M Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
UNIPOLAR STEPPER-MOTOR
TRANSLATOR/DRIVERS
Combining low-power CMOS logic with high-current, high-voltage
power FET outputs, the Series SLA7060M translator/drivers provide
complete control and drive for a two-phase unipolar stepper motor with
internal fixed off time and pulse-width modulation (PWM) control of
the output current in a power multi-chip module (PMCM™). There are
no phase-sequence tables, high-frequency control lines, or complex
interfaces to program.
The CMOS logic section provides the sequencing logic, direction,
control, synchronous/asynchronous PWM operation, and a “sleep”
function. The minimum CLOCK input is an ideal fit for applications
where a complex µP is unavailable or overburdened. TTL or LSTTL
may require the use of appropriate pull-up resistors to ensure a proper
input-logic high. For PWM current control, the maximum output
current is determined by the user’s selection of a reference voltage and
sensing resistor. The NMOS outputs are capable of sinking up to 1, 2,
or 3 A (depending on device) and withstanding 46 V in the off state.
Clamp diodes provide protection against inductive transients. Special
power-up sequencing is not required.
Half-, quarter-, eighth-, and sixteenth-step operation are externally
selectable for the SLA7060/61/62M. Half-step excitation alternates
between the one-phase and two-phase modes (AB-B-AB-A-AB-B-AB-
A), providing an eight-step sequence.
The Series SLA7060M is supplied in a 21-pin single in-line power-
tab package with leads formed for vertical mounting (suffix LF2102).
The tab is at ground potential and needs no insulation. For high-current
or high-frequency applications, external heat sinking may be required.
This device is rated for continuous operation between -20°C and
+85°C.
FEATURES
To 3 A Output Rating
Internal Sequencer for Microstepping Operation
PWM Constant-Current Motor Drive
Cost-Effective, Multi-Chip Solution
100 V, Avalanche-Rated NMOS
Low r
DS(on) NMOS Outputs
Advanced, Improved Body Diodes
Inputs Compatible with 3.3 V or 5 V Control Signals
Sleep Mode
Internal Clamp Diodes
Always order by complete part number, e.g., SLA7060MLF2102
.
ABSOLUTE MAXIMUM RATINGS
Driver Supply Voltage, VBB ................ 46 V
Load Supply Voltage, VM .................. 46 V
Output Current, IO
SLA7060M ................................. 1.0 A*
SLA7061M ................................. 2.0 A*
SLA7062M ................................. 3.0 A*
Logic Supply Voltage, VDD ............... 7.0 V
Logic Input Voltage Range,
V
I .......................... -0.3 V to VDD+ 0.3 V
Sense Voltage, V
S ........................ ±2.0 V†
Reference Input Voltage Range,
VREF .................................. -0.3 V to VDD+ 0.3 V
Package Power Dissipation,
PD ....................................... See Graph
Junction Temperature, TJ ............. +150°C
Operating Temperature Range,
T
A ................................. -20°C to +85°C
Storage Temperature Range,
TS ............................... -30°C to +150°C
* Output current rating may be limited by duty cycle,
ambient temperature, and heat sinking. Under any set of
conditions, do not exceed the specified current rating or
junction temperature.
† Internal filtering provides protection against transients
during the first 1 µs of the current-sense pulse.
SLA7060M THRU
SLA7062M
PRELIMINARY INFORMATION
(subject to change without notice)
September 24, 2003


Número de pieza similar - SLA7062M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
SLA7062M ALLEGRO-SLA7062M Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
logo
Sanken electric
SLA7062M SANKEN-SLA7062M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
More results

Descripción similar - SLA7062M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
SLA7062 ALLEGRO-SLA7062 Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7060M ALLEGRO-SLA7060M Datasheet
398Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7052M ALLEGRO-SLA7052M Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
SLA7050M ALLEGRO-SLA7050M Datasheet
350Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
SLA7051M ALLEGRO-SLA7051M Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
5804 ALLEGRO-5804 Datasheet
154Kb / 8P
   BiMOS II UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVER
SLA7024M ALLEGRO-SLA7024M Datasheet
137Kb / 12P
   HIGH-CURRENT PWM, UNIPOLAR STEPPER MOTOR CONTROLLER/DRIVERS
logo
List of Unclassifed Man...
EDE1200 ETC1-EDE1200 Datasheet
222Kb / 6P
   Unipolar Stepper Motor IC
logo
New Japan Radio
NJW4351 NJRC-NJW4351 Datasheet
260Kb / 18P
   Unipolar Stepper Motor Driver
logo
Siemens Semiconductor G...
TCA1560B SIEMENS-TCA1560B Datasheet
659Kb / 19P
   STEPPER MOTOR DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com