Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMPN3120A20M Datasheet(PDF) 7 Page - Toshiba Semiconductor

No. de pieza TMPN3120A20M
Descripción Electrónicos  TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPN3120A20M Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TMPN3120A20M Datasheet HTML 3Page - Toshiba Semiconductor TMPN3120A20M Datasheet HTML 4Page - Toshiba Semiconductor TMPN3120A20M Datasheet HTML 5Page - Toshiba Semiconductor TMPN3120A20M Datasheet HTML 6Page - Toshiba Semiconductor TMPN3120A20M Datasheet HTML 7Page - Toshiba Semiconductor TMPN3120A20M Datasheet HTML 8Page - Toshiba Semiconductor TMPN3120A20M Datasheet HTML 9Page - Toshiba Semiconductor TMPN3120A20M Datasheet HTML 10Page - Toshiba Semiconductor TMPN3120A20M Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TMPN3120A20M/U
2003-07-01 7/12
MAXIMUM RATINGS ( VSS = 0V, VSS typ.)
ITEM
SYMBOL
RATING
UNIT
Power Supply Voltage
VDD
−0.3~7.0
V
Input Voltage
VIN
−0.3 to VDD + 0.3 V
V
Input Voltage CP0-CP3
VIN (2)
−0.5 to VDD + 1.3 V
VIN (2)< 7.3
V
Power Dissipation
PD
800
mW
Storage Temperature
Tstg
−65~150
°C
OPERATING CONDITIONS
ITEM
SYMBOL
MIN
TYP.
MAX
UNIT
Operating Voltage
VDD
4.5
5.0
5.5
V
VIH
2.0
VDD
V
Input Voltage ( TTL )
VIL
VSS
0.8
V
VIH
VDD − 0.8 V
VDD
V
Input Voltage ( CMOS )
VIL
VSS
0.8
V
VIH
VDD + 1.0 V
Input Voltage CP0-CP3
( differential mode )
VIL
−0.1
V
Operating Frequency
fosc
0.625
20
MHz
Operating Temperature
Topr
−40
85
°C


Número de pieza similar - TMPN3120A20M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TMPN3120B1AM TOSHIBA-TMPN3120B1AM Datasheet
177Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TMPN3120E1M TOSHIBA-TMPN3120E1M Datasheet
175Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TMPN3120FE3M TOSHIBA-TMPN3120FE3M Datasheet
214Kb / 12P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TMPN3120FE3MG TOSHIBA-TMPN3120FE3MG Datasheet
371Kb / 10P
   Neuron짰 Chip for Distributed Intelligent Control Networks (LONWORKS)
TMPN3120FE3U TOSHIBA-TMPN3120FE3U Datasheet
214Kb / 12P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Descripción similar - TMPN3120A20M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com