Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PE3C3994-18 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

No. de pieza PE3C3994-18
Descripción Electrónicos  Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 18 Inch Length Using RG178 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3994-18 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C3994-18 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3994-18 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3994-18 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3994-18 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: Snap-On MMBX Plug Right Angle
• Connector 2: N Female Bulkhead
• Cable Type: RG178
Features
• Max. Operating Frequency of 3 GHz
• Snap-On mating
Applications
• General Purpose Test
• PCB Probing
• PCB Testing
• PCB-to-Panel
.
Description
Pasternack’s MMBX cable assemblies are part of our full line of RF components available for same-day shipping. These
MMBX cable assemblies are designed to connect MMBX system components or test connections, delivering signal frequen-
cies as high as 3 GHz. Our family of MMBX cables can also be used to connect from PCB to panel, offering between series
MMBX options with SMA Bulkhead, TNC Bulkhead and N Bulkhead assembly configurations. If none of our standard options
fit your application, you can specify your own custom MMBX cable assembly using Pasternack’s online Cable Creator.
Our MMBX cable assembly datasheet specifications and drawing with dimensions are shown below in this PDF. Pasternack’s
broad catalog of RF, microwave and millimeter wave cable assemblies allow designers to configure and customize their signal
connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom cable
assembly configuration, Pasternack has the right cable assemblies for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.4:1
Return Loss
-15.563
dB
Insertion Loss
1.38
dB
Velocity of Propagation
70
%
Capacitance
29.4 [96.46]
pF/ft [pF/m]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 18 Inch Length Using
RG178 Coax PE3C3994-18
PE3C3994-18 REV 1.0
Snap-On MMBX Plug Right Angle to N Female Bulkhead
Cable 18 Inch Length Using RG178 Coax
RF Cable Assemblies Technical Data Sheet
PE3C3994-18


Número de pieza similar - PE3C3994-18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE3C3994-12 PASTERNACK-PE3C3994-12 Datasheet
442Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 12 Inch Length Using RG178 Coax
More results

Descripción similar - PE3C3994-18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE3C3993-18 PASTERNACK-PE3C3993-18 Datasheet
441Kb / 4P
   Snap-On MMBX Plug to N Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3996-18 PASTERNACK-PE3C3996-18 Datasheet
441Kb / 4P
   Snap-On MMBX Plug Right Angle to TNC Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3994-4 PASTERNACK-PE3C3994-4 Datasheet
442Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 4 Inch Length Using RG178 Coax
PE3C3994-6 PASTERNACK-PE3C3994-6 Datasheet
443Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C3986-18 PASTERNACK-PE3C3986-18 Datasheet
432Kb / 4P
   Snap-On MMBX Plug to Snap-On MMBX Plug Right Angle Cable 18 Inch Length Using RG178 Coax
PE3C3994-8 PASTERNACK-PE3C3994-8 Datasheet
443Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 8 Inch Length Using RG178 Coax
PE3C3922-18 PASTERNACK-PE3C3922-18 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to SMA Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3995-18 PASTERNACK-PE3C3995-18 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to TNC Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3994-12 PASTERNACK-PE3C3994-12 Datasheet
442Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 12 Inch Length Using RG178 Coax
PE3C3994-24 PASTERNACK-PE3C3994-24 Datasheet
442Kb / 4P
   Snap-On MMBX Plug Right Angle to N Female Bulkhead Cable 24 Inch Length Using RG178 Coax
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com