Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AB174 Datasheet(PDF) 8 Page - Lumileds Lighting Company

No. de pieza AB174
Descripción Electrónicos  Assembly and Handling Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUMILEDS [Lumileds Lighting Company]
Página de inicio  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

AB174 Datasheet(HTML) 8 Page - Lumileds Lighting Company

Back Button AB174 Datasheet HTML 2Page - Lumileds Lighting Company AB174 Datasheet HTML 3Page - Lumileds Lighting Company AB174 Datasheet HTML 4Page - Lumileds Lighting Company AB174 Datasheet HTML 5Page - Lumileds Lighting Company AB174 Datasheet HTML 6Page - Lumileds Lighting Company AB174 Datasheet HTML 7Page - Lumileds Lighting Company AB174 Datasheet HTML 8Page - Lumileds Lighting Company AB174 Datasheet HTML 9Page - Lumileds Lighting Company AB174 Datasheet HTML 10Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AB174 LUXEON 5050 Application Brief 20170507 ©2017 Lumileds Holding B.V. All rights reserved.
8
5.6 JEDEC Moisture Sensitivity
The JEDEC moisture sensitivity level (MSL) for this LUXEON emitter is rated as level 3. Proper storage, handling and/or
baking guidelines must be observed to prevent damage to the LUXEON emitter during reflow (see Table 2).
Table 2. Storage and baking conditions. Note that if any of the temperature, relative humidity, humidity indicator card or the
periodisnotmet,bakingisrequired.Formoreinformation,seeIPC/JEDECJ-STD-033C.
OpErATION
pAckINg bAg
sTATUs
TEMpErATUrE
rELATIvE hUMIdITy
(rh)
hUMIdITy
INdIcATOr
cArd
pErIOd
Storage
As received
≤30°C (non-condensing
atmospheric environment)
≤90%
n/a
Within 12 months of
shipment date code
Storage
After opening
bag
≤30°C
≤60%
If 60% color spot is
no longer blue
168 hours
Baking
(drying)
n/a
60 ±5°C
≤5%
n/a
16 hours
6. Packaging Considerations—Chemical Compatibility
The LUXEON emitter package contains a silicone overcoat to protect the LED chip and extract the maximum amount of
light. As with most silicones used in LED optics, care must be taken to prevent any incompatible chemicals from directly or
indirectly reacting with the silicone.
The silicone overcoat used in the LUXEON emitter is gas permeable. Consequently, oxygen and volatile organic compound
(VOC) gas molecules can diffuse into the silicone overcoat. VOCs may originate from adhesives, solder fluxes, conformal
coating materials, potting materials and even some of the inks that are used to print the PCBs.
Some VOCs and chemicals react with silicone and produce discoloration and surface damage. Other VOCs do not
chemically react with the silicone material directly but diffuse into the silicone and oxidize during the presence of heat or
light. Regardless of the physical mechanism, both cases may affect the total LED light output. Since silicone permeability
increases with temperature, more VOCs may diffuse into and/or evaporate out from the silicone.
Careful consideration must be given to whether LUXEON emitters are enclosed in an “air tight” environment or not. In an
“air tight” environment, some VOCs that were introduced during assembly may permeate and remain in the silicone. Under
heat and “blue” light, VOCs captured inside the silicone may partially oxidize and create a silicone discoloration, particularly
on the surface of the LED where the flux energy is the highest. In an air rich or “open” air environment, VOCs have a
chance to leave the area (driven by the normal air flow). Transferring the devices which were discolored in the enclosed
environment back to “open” air may allow the oxidized VOCs to diffuse out of the silicone and may restore the original
optical properties of the LED.
Determining suitable threshold limits for the presence of VOCs is very difficult since these limits depend on the type of
enclosure used to house the LEDs and the operating temperatures. Also, some VOCs can photo-degrade over time.
Table 3 provides a list of commonly used chemicals that should be avoided as they may react with the silicone material.
Note that Lumileds does not warrant that this list is exhaustive since it is impossible to determine all chemicals that may
affect LED performance.
The chemicals in Table 3 are typically not directly used in the final products that are built around LUXEON emitters.
However, some of these chemicals may be used in intermediate manufacturing steps (e.g. cleaning agents). Consequently,
trace amounts of these chemicals may remain on (sub) components, such heat sinks. Lumileds, therefore, recommends
the following precautions when designing your application:
– When designing secondary lenses to be used over an LED, provide a sufficiently large air-pocket and allow for
“ventilation” of this air away from the immediate vicinity of the LED.
– Use mechanical means of attaching lenses and circuit boards as much as possible. When using adhesives, potting
compounds and coatings, carefully analyze its material composition and do thorough testing of the entire fixture
under High Temperature over Life (HTOL) conditions.


Número de pieza similar - AB174

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lumileds Lighting Compa...
AB17 LUMILEDS-AB17 Datasheet
179Kb / 5P
   Benefits of Philips Lumileds Solid State Lighting Solutions vs. Conventional Lighting
AB170 LUMILEDS-AB170 Datasheet
3Mb / 21P
   Assembly and Handling Information
AB171 LUMILEDS-AB171 Datasheet
1Mb / 13P
   Assembly and Handling Information
AB178 LUMILEDS-AB178 Datasheet
1Mb / 12P
   Assembly and Handling Information
More results

Descripción similar - AB174

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lumileds Lighting Compa...
AB198 LUMILEDS-AB198 Datasheet
4Mb / 29P
   Assembly and Handling Information
AB156 LUMILEDS-AB156 Datasheet
3Mb / 19P
   Assembly and handling information
AB217 LUMILEDS-AB217 Datasheet
1Mb / 13P
   Assembly and Handling Information
AB171 LUMILEDS-AB171 Datasheet
1Mb / 13P
   Assembly and Handling Information
AB178 LUMILEDS-AB178 Datasheet
1Mb / 12P
   Assembly and Handling Information
AB190 LUMILEDS-AB190 Datasheet
1Mb / 11P
   Assembly and Handling Information
AB32 LUMILEDS-AB32 Datasheet
5Mb / 38P
   Assembly and Handling Information
AB142 LUMILEDS-AB142 Datasheet
1Mb / 16P
   Assembly and handling information
AB105 LUMILEDS-AB105 Datasheet
1Mb / 14P
   Assembly and Handling Information
AB114 LUMILEDS-AB114 Datasheet
4Mb / 18P
   Assembly and Handling Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com