Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CY7C1460KV33 Datasheet(PDF) 17 Page - Cypress Semiconductor

No. de pieza CY7C1460KV33
Descripción Electrónicos  36-Mbit (1M36/2M18) Pipelined SRAM with NoBL??Architecture (With ECC)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1460KV33 Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button CY7C1460KV33 Datasheet HTML 13Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 14Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 15Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 16Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 17Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 18Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 19Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 20Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Document Number: 001-66680 Rev. *L
Page 17 of 31
CY7C1460KV33
CY7C1460KVE33
CY7C1462KVE33
3.3 V TAP AC Test Conditions
Input pulse levels ...............................................VSS to 3.3 V
Input rise and fall times (Slew Rate) ........................... 2 V/ns
Input timing reference levels ......................................... 1.5 V
Output reference levels ................................................ 1.5 V
Test load termination supply voltage ............................ 1.5 V
3.3 V TAP AC Output Load Equivalent
2.5 V TAP AC Test Conditions
Input pulse levels ...............................................VSS to 2.5 V
Input rise and fall times (Slew Rate) ........................... 2 V/ns
Input timing reference levels ....................................... 1.25 V
Output reference levels .............................................. 1.25 V
Test load termination supply voltage .......................... 1.25 V
2.5 V TAP AC Output Load Equivalent
TDO
1.5V
20pF
Z = 50
Ω
O
50
Ω
TDO
1.25V
20pF
Z = 50
Ω
O
50
Ω
TAP DC Electrical Characteristics and Operating Conditions
(0 °C < TA < +70 °C; VDD = 3.135 V to 3.6 V unless otherwise noted)
Parameter [14]
Description
Test Conditions
Min
Max
Unit
VOH1
Output HIGH voltage
IOH = –4.0 mA, VDDQ = 3.3 V
2.4
V
IOH = –1.0 mA, VDDQ = 2.5 V
2.0
V
VOH2
Output HIGH voltage
IOH = –100 µA
VDDQ = 3.3 V
2.9
V
VDDQ = 2.5 V
2.1
V
VOL1
Output LOW voltage
IOL = 8.0 mA
VDDQ = 3.3 V
0.4
V
IOL = 1.0 mA
VDDQ = 2.5 V
0.4
V
VOL2
Output LOW voltage
IOL = 100 µA
VDDQ = 3.3 V
0.2
V
VDDQ = 2.5 V
0.2
V
VIH
Input HIGH voltage
VDDQ = 3.3 V
2.0
VDD + 0.3
V
VDDQ = 2.5 V
1.7
VDD + 0.3
V
VIL
Input LOW voltage
VDDQ = 3.3 V
–0.3
0.8
V
VDDQ = 2.5 V
–0.3
0.7
V
IX
Input load current
GND < VIN < VDDQ
–5
5
µA
Notes
14. All voltages referenced to VSS (GND).
15. Bit #24 is “1” in the ID Register Definitions for both 2.5-V and 3.3-V versions of this device.


Número de pieza similar - CY7C1460KV33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV25-167AXC CYPRESS-CY7C1460KV25-167AXC Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV25-167BZC CYPRESS-CY7C1460KV25-167BZC Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV25-167BZXI CYPRESS-CY7C1460KV25-167BZXI Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV25-200BZI CYPRESS-CY7C1460KV25-200BZI Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
More results

Descripción similar - CY7C1460KV33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370B CYPRESS-CY7C1370B Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com