Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAR64V-04-GS08 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza BAR64V-04-GS08
Descripción Electrónicos  RF PIN Diodes - Dual, Series in SOT-23
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAR64V-04-GS08 Datasheet(HTML) 3 Page - Vishay Siliconix

  BAR64V-04-GS08 Datasheet HTML 1Page - Vishay Siliconix BAR64V-04-GS08 Datasheet HTML 2Page - Vishay Siliconix BAR64V-04-GS08 Datasheet HTML 3Page - Vishay Siliconix BAR64V-04-GS08 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VISHAY
BAR64V-04
Document Number 85694
Rev. 1.2, 26-Apr-04
Vishay Semiconductors
www.vishay.com
3
Package Dimensions in mm (Inches)
Fig. 5 Typical Charge Recovery Curve
-8
-6
-4
-2
0
2
4
6
8
10
12
-500
500
1500
2500
3500
18338
Recovery Time ( ns )
IF =10mA
IR =6mA
irr =3mA
2.0 (0.079)
0.9 (0.035)
0.95 (0.037)
0.95 (0.037)
0.8 (0.031)
1
2
3
17418
2.8 (.110)
3.1 (.122)
0.4 (.016)
0.95 (.037)
0.95 (.037)
0.4 (.016)
0.4 (.016)
ISO Method A
2.4 (.094)
2.6 (.102)
Mounting Pad Layout


Número de pieza similar - BAR64V-04-GS08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BAR64V-04W VISHAY-BAR64V-04W Datasheet
121Kb / 5P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 15-Apr-05
BAR64V-04W-GS08 VISHAY-BAR64V-04W-GS08 Datasheet
121Kb / 5P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 15-Apr-05
BAR64V-04W-GS18 VISHAY-BAR64V-04W-GS18 Datasheet
121Kb / 5P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 15-Apr-05
More results

Descripción similar - BAR64V-04-GS08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BAR63V-04 VISHAY-BAR63V-04 Datasheet
116Kb / 5P
   RF PIN Diodes - Dual, Series in SOT-23
Rev. 1.3, 15-Apr-05
BA779-2 VISHAY-BA779-2 Datasheet
98Kb / 4P
   RF PIN Diodes - Dual in SOT-23
Rev. 1.6, 14-Apr-05
BAR64V-05 VISHAY-BAR64V-05 Datasheet
100Kb / 4P
   RF PIN Diodes - Dual, Common Cathode in SOT-23
Rev. 1.2, 26-Apr-04
S392D VISHAY-S392D_05 Datasheet
100Kb / 4P
   RF PIN Diode - Dual in SOT-23
Rev. 1.5, 29-Apr-05
BAR64V-04W VISHAY-BAR64V-04W Datasheet
121Kb / 5P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 15-Apr-05
BAR63V-04W VISHAY-BAR63V-04W Datasheet
127Kb / 4P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 26-Apr-04
BAR63V-03 VISHAY-BAR63V-03 Datasheet
117Kb / 5P
   RF PIN Diode - Single in SOT-23
Rev. 1.4, 15-Apr-05
BAR64V-05W VISHAY-BAR64V-05W Datasheet
93Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.5, 25-Feb-13
BAR63V-06W VISHAY-BAR63V-06W Datasheet
132Kb / 5P
   RF PIN Diodes - Dual, Common Anode in SOT-323
Rev. 1.3, 15-Apr-05
BAR64-05W VISHAY-BAR64-05W Datasheet
110Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com