Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK55C324 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza STK55C324
Descripción Electrónicos  LCD Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

STK55C324 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STK55C324 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LCD Controller
4 /24
Issue date: 13 August, 1999
Syntek Semiconductor Co., Ltd.
STK55C324
The middle bits are in the order.
0040-00DF for zero page area.
0100-01DF for stacks. This area is overlapped with 0000-00DF.
2) ROM
8000-FFFF for program area.
FFFF, FFFE - IRQ vector.
FFFD, FFFC - RES vector.
FFFB, FFFA - NMI vector.
3) Others
1000 To enter stand-by mode. Write only.
* Write this address, the CPU will be hold with LCD state no change.
* When in stand-by mode, the NMI and IRQ will wake up the CPU.
1001 To enter sleep mode. Write only.
Bit 0 = 1 Sleep mode 1
1 = 1 Sleep mode 2
In sleep mode 1, both of the main system oscillator and 32.768KHz sub-system oscillator will be
stopped. So, all functions are stopped and only external interrupt can wake up this chip. The LCD
display will be turn off while getting into sleep mode 1. If the LCD is turned on after wake-up
immediately, then some garbage may display on the LCD. It is better to turn off the LCD by software
before enter sleep mode 1. After wake up, the software has to delay several ms before turn on the
LCD because the crystal will take several mS to stable.
In sleep mode 2, only main system oscillator will be stopped. So, the following functions will still keep
working.
* The LCD will be kept on.
* The fix-time timer will keep going.
* The NMI, port 1, and fix-time timer interrupt will wake up this chip.
* CPU will keep working if clock source is 32.768K Hz.
1002 Watch timer control register. Write only.
Bit 1 : = 0 Set fix-time timer interrupt at 2 Hz
= 1 Set fix-time timer interrupt at 1 Hz


Número de pieza similar - STK55C324

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STK55C641 ETC1-STK55C641 Datasheet
345Kb / 19P
   STK55C641
More results

Descripción similar - STK55C324

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
GPLB32A5 GENERALPLUS-GPLB32A5 Datasheet
622Kb / 20P
   LCD Controller
logo
ELAN Microelectronics C...
EM83040B EMC-EM83040B Datasheet
419Kb / 22P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B1 GENERALPLUS-GPLB39B1 Datasheet
526Kb / 18P
   LCD Controller
GPLB25B GENERALPLUS-GPLB25B Datasheet
531Kb / 13P
   LCD Controller
logo
Renesas Technology Corp
TW8830 RENESAS-TW8830 Datasheet
145Kb / 3P
   LCD Controller
logo
Generalplus Technology ...
GPLB30A GENERALPLUS-GPLB30A Datasheet
521Kb / 20P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com