Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM29SL160CB-100WCCN Datasheet(PDF) 6 Page - Advanced Micro Devices

No. de pieza AM29SL160CB-100WCCN
Descripción Electrónicos  16 Megabit CMOS 1.8 Volt-only Super Low Voltage Flash Memory
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL160CB-100WCCN Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM29SL160CB-100WCCN Datasheet HTML 2Page - Advanced Micro Devices AM29SL160CB-100WCCN Datasheet HTML 3Page - Advanced Micro Devices AM29SL160CB-100WCCN Datasheet HTML 4Page - Advanced Micro Devices AM29SL160CB-100WCCN Datasheet HTML 5Page - Advanced Micro Devices AM29SL160CB-100WCCN Datasheet HTML 6Page - Advanced Micro Devices AM29SL160CB-100WCCN Datasheet HTML 7Page - Advanced Micro Devices AM29SL160CB-100WCCN Datasheet HTML 8Page - Advanced Micro Devices AM29SL160CB-100WCCN Datasheet HTML 9Page - Advanced Micro Devices AM29SL160CB-100WCCN Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
6
Am29SL160C
November 1, 2004
PRODUCT SELECTOR GUIDE
Note:See “AC Characteristics” for full specifications.
BLOCK DIAGRAM
Family Part Number
Am29SL160C
Speed Options
-90
-100
-120
-150
Max access time, ns (tACC)
90
100
120
150
Max CE# access time, ns (tCE)
90
100
120
150
Max OE# access time, ns (tOE)35
35
50
65
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
WE#
BYTE#
WP#/ACC
CE#
OE#
STB
STB
DQ0–DQ15 (A-1)
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
A0–A19


Número de pieza similar - AM29SL160CB-100WCCN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM29SL160CB-100WCC AMD-AM29SL160CB-100WCC Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
More results

Descripción similar - AM29SL160CB-100WCCN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM29DS163D AMD-AM29DS163D Datasheet
1Mb / 50P
   16 Megabit CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
ATMEL Corporation
AT49SV163D ATMEL-AT49SV163D Datasheet
463Kb / 30P
   16-megabit 1M x 16) 1.8-volt Only Flash Memory
AT49SV802A ATMEL-AT49SV802A Datasheet
417Kb / 31P
   8-megabit 1.8-volt Only Flash Memory
AT49SV322D ATMEL-AT49SV322D Datasheet
519Kb / 32P
   32-megabit (2M x 16) 1.8-volt Only Flash Memory
logo
Advanced Micro Devices
AM29SL160C AMD-AM29SL160C_07 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
SPANSION
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
S29AL032D SPANSION-S29AL032D Datasheet
1Mb / 69P
   32 Megabit CMOS 3.0 Volt-only Flash Memory
AM29SL400D SPANSION-AM29SL400D Datasheet
776Kb / 41P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
Eon Silicon Solution In...
EN39SL160AHL EON-EN39SL160AHL Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
logo
Advanced Micro Devices
AM29SL800D AMD-AM29SL800D_07 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com