Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA9965A Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza TDA9965A
Descripción Electrónicos  12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9965A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA9965A Datasheet HTML 3Page - NXP Semiconductors TDA9965A Datasheet HTML 4Page - NXP Semiconductors TDA9965A Datasheet HTML 5Page - NXP Semiconductors TDA9965A Datasheet HTML 6Page - NXP Semiconductors TDA9965A Datasheet HTML 7Page - NXP Semiconductors TDA9965A Datasheet HTML 8Page - NXP Semiconductors TDA9965A Datasheet HTML 9Page - NXP Semiconductors TDA9965A Datasheet HTML 10Page - NXP Semiconductors TDA9965A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
2004 Jul 05
7
Philips Semiconductors
Product specification
12-bit, 5.0 V, 40 Msps analog-to-digital
interface for CCD cameras
TDA9965A
CHARACTERISTICS
VCCA =VCCD =5V; VCCO = 3.0 V; fpix = 40 MHz; Tamb = −20 to +75 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
digital output supply
voltage
3.0
3.3
5.25
V
ICCA
analog supply current
with internal regulator
65
mA
ICCD
digital supply current
with internal regulator
19
mA
ICCO
digital output supply
current
fpix = 40 MHz; CL =10pF
on all data outputs; ramp
input
1
mA
Digital inputs
CLOCK INPUT: PIN CLKADC (REFERENCED TO DGND)
VIL
LOW-level input voltage
0
0.8
V
VIH
HIGH-level input voltage
2.0
VCCD
V
IIL
LOW-level input current
VCLKADC = 0.8 V
−1
+1
µA
IIH
HIGH-level input current
VCLKADC = 2.0 V
−−
20
µA
Zi
input impedance
63
k
Ci
input capacitance
1
pF
CONTROL INPUTS: PINS SEN, SCLK, SDATA, STDBY, CLPOB, CLPADC AND REGEN
VIL
LOW-level input voltage
0
0.8
V
VIH
HIGH-level input voltage
2.0
VCCD
V
Ii
input current
−2
+2
µA
SAMPLE AND HOLD INPUTS: PINS SHP AND SHD
VIL
LOW-level input voltage
0
0.8
V
VIH
HIGH-level input voltage
2.0
VCCD
V
Ii
input current
−10
+10
µA
Clamp and Track/Hold (CTH) circuit: pins IN, SHD and SHP
Vi(IN)(p-p)
CTH input voltage
(peak-to-peak value)
2
V
Ii(IN)
input current
−3
+3
µA
tW(SHP)
SHP pulse width
Vi(IN) = 1000 mV;
transition (98.5%) in 1 pixel;
code fco(CTH) = 0000;
see Fig.5
8
−−
ns


Número de pieza similar - TDA9965A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965HL PHILIPS-TDA9965HL Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
More results

Descripción similar - TDA9965A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com