Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD8028ARM-REEL7 Datasheet(PDF) 5 Page - Analog Devices |
|
AD8028ARM-REEL7 Datasheet(HTML) 5 Page - Analog Devices |
5 / 24 page AD8027/AD8028 Rev. B | Page 5 of 24 SPECIFICATIONS Table 3. VS = +3 V (@ TA = 25°C, RL = 1 kΩ to midsupply, unless otherwise noted.) Parameter Conditions Min Typ Max Unit DYNAMIC PERFORMANCE G = +1, V O = 0.2 V p-p 125 180 MHz –3 dB Bandwidth G = +1, V O = 2 V p-p 19 29 MHz Bandwidth for 0.1 dB Flatness G = +2, V O = 0.2 V p-p 10 MHz Slew Rate G = +1, V O = 2 V Step/G = –1, VO = 2 V Step 73/100 V/µs Settling Time to 0.1% G = +2, V O = 2 V Step 48 ns NOISE/DISTORTION PERFORMANCE f C = 1 MHz, VO = 2 V p-p, RF = 24.9 Ω 85 dBc Spurious Free Dynamic Range (SFDR) f C = 5 MHz, VO = 2 V p-p, RF = 24.9 Ω 64 dBc Input Voltage Noise f = 100 kHz 4.3 nV/√ Hz Input Current Noise f = 100 kHz 1.6 pA/√ Hz Differential Gain Error NTSC, G = +2, RL = 150 Ω 0.15 % Differential Phase Error NTSC, G = +2, RL = 150 Ω 0.20 Degree Crosstalk, Output to Output G = 1, RL = 100 Ω, VOUT = 2 V p-p, VS = 3 V @ 1 MHz –89 dB DC PERFORMANCE SELECT = Tri-State or Open, PNP Active 200 800 µV Input Offset Voltage SELECT = High NPN Active 240 900 µV Input Offset Voltage Drift TMIN to TMAX 2 µV/°C VCM = 1.5 V, NPN Active 4 6 µA Input Bias Current1 TMIN to TMAX 4 µA VCM = 1.5 V, PNP Active –8 –11 µA Input Bias Current1 TMIN to TMAX –8 µA Input Offset Current ±0.1 ±0.9 µA Open-Loop Gain V O = 1 V to 2 V 90 100 dB INPUT CHARACTERISTICS Input Impedance 6 MΩ Input Capacitance 2 pF Input Common-Mode Voltage Range R L = 1 kΩ –0.2 to +3.2 V Common-Mode Rejection Ratio VCM = 0 V to 1.5 V 88 100 dB SELECT PIN Crossover Low—Selection Input Voltage 1.7 to 3 V Crossover High—Selection Input Voltage 1.1 to 1.7 V Disable Input Voltage 0 to 1.1 V DISABLE Switching Speed 1150 ns Enable Switching Speed Tri-State < ±20 µA 50% of Input to <10% of Final V O 50 ns OUTPUT CHARACTERISTICS Output Overdrive Recovery Time (Rising/Falling Edge) V I = –1 V to +4 V, G = –1 55/55 ns Output Voltage Swing R L = 1 kΩ –VS + 0.07 +VS – 0.03, –VS + 0.03 +VS – 0.07 V Short Circuit Current Sinking and Sourcing 72 mA Off Isolation VIN = 0.2 V p-p, f = 1 MHz, SELECT = Low –49 dB Capacitive Load Drive 30% Overshoot 20 pF POWER SUPPLY Operating Range 2.7 12 V Quiescent Current/Amplifier 6.0 8.0 mA Quiescent Current (Disabled) SELECT = Low 300 420 µA Power Supply Rejection Ratio VS ± 1 V 88 100 dB 1 No sign or a plus indicates current into pin, minus indicates current out of pin. |
Número de pieza similar - AD8028ARM-REEL7 |
|
Descripción similar - AD8028ARM-REEL7 |