Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FFPF60SA60DS Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
FFPF60SA60DS Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 5 page Rev. A, October 2004 ©2004 Fairchild Semiconductor Corporation Absolute Maximum Ratings (per leg) T C=25°C unless otherwise noted Thermal Characteristics Symbol Parameter Value Units VRRM Peak Repetitive Reverse Voltage 600 V VRWM Working Peak Reverse Voltage 600 V VR DC Blocking Voltage 600 V IF(AV) Average Rectified Forward Current @ TC = 95 °C8 A IFSM Non-repetitive Peak Surge Current 60Hz Single Half-Sine Wave 80 A PD Power Dissipation 26 W WAVL Avalanche Energy (1A, 40mH) 20 mJ TJ, TSTG Operating Junction and Storage Temperature - 65 to +150 °C Symbol Parameter Value Units RθJC Maximum Thermal Resistance, Junction to Case 3.125 °C/W RθJA Maximum Thermal Resistance, Junction to Ambient 62.5 °C/W FFPF60SA60DS Features • Soft Recovery (tb / ta > 1.2) • Fast Recovery (trr < 25ns) • Reverse Voltage, 600V • Forward Voltage (@ TC = 125°C), < 2.0 V • Enhanced Avalanche Energy Applications • Switch Mode Power Supplies • Hard Swithed PFC Boost Diode • UPS Free wheeling Diode • Motor Drive FWD •SMPS FWD • Snubber Diode 1 2 3 TO-220F-3L StealthTM Rectifier 1 2 3 |
Número de pieza similar - FFPF60SA60DS |
|
Descripción similar - FFPF60SA60DS |