Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM12434 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM12434
Descripción Electrónicos  Sign Data Acquisition System with Serial I/O and Self-Calibration
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12434 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM12434 Datasheet HTML 7Page - National Semiconductor (TI) LM12434 Datasheet HTML 8Page - National Semiconductor (TI) LM12434 Datasheet HTML 9Page - National Semiconductor (TI) LM12434 Datasheet HTML 10Page - National Semiconductor (TI) LM12434 Datasheet HTML 11Page - National Semiconductor (TI) LM12434 Datasheet HTML 12Page - National Semiconductor (TI) LM12434 Datasheet HTML 13Page - National Semiconductor (TI) LM12434 Datasheet HTML 14Page - National Semiconductor (TI) LM12434 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
20 Electrical Specifications (Continued)
23 DIGITAL SWITCHING CHARACTERISTICS
The following specifications apply to the LM12434 and LM12 L 438 for VAa
e
VDae 5V 33V
AGND e DGND e 0V CL (load capacitance) on output lines e 80 pF unless otherwise specified
Boldface limits apply for TA e TJ e TMIN to TMAX all other limits for TA e TJ e 25 C (Notes 6 7 and 9) (Continued)
232 8051 Interface Mode
Symbol
Parameter
Conditions
Typical
Limits
Units
(See
Figure Below)
(Note 10)
(Note 11)
(Limit)
t9
TXD (Serial Clock Period)
125 250
ns (min)
t10
CS Set-Up Time to First
25 40
ns (min)
Clock Transition
t11
Data in Valid Set-Up Time to
40
ns (min)
TXD Clock High
t12
Data in Valid Hold Time
40 90
ns (min)
from TXD Clock High
t13
Data Out Hold Time
70 120
ns (max)
from TXD Clock High
t14
CS Hold Time from Last TXD
High in a Read or Write Cycle
25 50
ns (min)
(Excluding Burst Read Cycle)
t15
CS Inactive to CS Active Again
3
CLK Cycle
(min)
t16
SCLK Idle Time between the
End of the Command Byte
3
CLK Cycle
Transfer and the Start of the
(min)
Data Transfer in Read Cycles
CLK is the main clock input to the device pin number 24 in PLCC package or pin number 2 in SO package
TLH11879 – 21
11


Número de pieza similar - LM12434

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Silicon Supplies
LM124 SS-LM124 Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
logo
Silicon Supplies
LM124 SS-LM124 Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
Texas Instruments
LM124 TI-LM124 Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
More results

Descripción similar - LM12434

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
National Semiconductor ...
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com