Nombre de pieza
         Descripción
OM1320STM

 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING ( 4 Page)


ETC
100% 
Zoom Out Zoom In
   
 1 page
background image
3.5 - 1
3.5
Three Terminal, Precision Adjustable
Positive Voltage Regulator In Hermetic
Style Packages (LM117)
4 11 R2
Supersedes 1 07 R1
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE
REGULATOR APPROVED TO DESC DRAWING 7703401
OM1320STM
OM1320N2M
OM1320NMM
OM1320NTM
OM1320SMM
OM1320NKM
FEATURES
• Similar To Industry Standard LM117
• Approved To DESC Standardized Military Drawing Number 7703401
• Built In Thermal Overload Protection
• Short Circuit Current Limiting
• Available In Six Package Styles
DESCRIPTION
These three terminal positive regulators are supplied in hermetically sealed
packages. All protective features are designed into the circuit, including thermal
shutdown, current-limiting, and safe-area control. With heat sinking, these devices
can deliver up to 1.5 amps of output current. The LCC-20 device is limited to .5
amps. The unit also features output voltages that can be fixed from 1.2 volts to 37
volts using external resistors.
ABSOLUTE MAXIMUM RATINGS T
c @ 25°C
Power Dissipation
Case 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1 W
Case-All Others. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 W
Input - Output Voltage Differential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40 V
Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . - 55°C to + 150°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 65°C to + 150°C
Lead Temperature (Soldering 10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . 300°C
Thermal Resistance, Junction to Case:
Case 2, LCC-20 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17°C/W
Case U & M, TO-257 (Isol) and SMD-3 . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2°C/W
Case T&N, TO-257 (Non-Isol) and SMD-1 . . . . . . . . . . . . . . . . . . . . . . . 3.5°C/W
Case Y, TO-3. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0°C/W
Maximum Output Current:
Case 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
.5 A
Case-All Others. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5 A
Recommended Operating Conditions:
Output Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.2 to 37 VDC
Ambient Operating Temperature Range (TA). . . . . . . . . . . . . . . . - 55°C to + 125°C
Input Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.25 to 41.25 VDC
Please see mechanical
outlines herein
1  2  3  4 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
OM1321SMM1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703402 1 2 3 4 List of Unclassifed Manufacturers
OM3910STM3.0 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 5962-87675 1 2 3 4 List of Unclassifed Manufacturers
OM13231.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703404 1 2 3 4 List of Unclassifed Manufacturers
OM1860STM1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981 1 2 3 4 International Rectifier
OM1322ST1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703403 1 2 3 4 List of Unclassifed Manufacturers
OM1840SCM5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89521 1 2 3 4 International Rectifier
OM18503 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-88646 1 2 3 4 List of Unclassifed Manufacturers
IP1171.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS 1 2 3 4 Seme LAB
OM7646SMSURFACE MOUNT POSITIVE ADJUSTABLE 1.5 AMP VOLTAGE REGULATOR 1 2 List of Unclassifed Manufacturers
COM117HVTCOMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR HIGH VOLTAGE 1 2 List of Unclassifed Manufacturers

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl