Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC78L05PKF Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza AMC78L05PKF
Descripción Electrónicos  100mA / 3-TERMINAL 5V REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

AMC78L05PKF Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AMC78L05PKF Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC78L05PKF Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC78L05PKF Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC78L05PKF Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC78L05PKF Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC78L05PKF Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AMC DOC. #: AMC78L05_D (LF)
AMC78L05
March
2004
100mA / 3-TERMINAL 5V REGULATOR
Copyright
 2002, ADD Microtech Corp.
3
www.addmtek.com
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications in bold type apply over the operating temperature range of
0
OC
≤ T
J ≤ +150
OC, VIN = 10V, I
OUT = 40mA,CIN = 0.33µF, COUT= 0.1µF, and are for DC characteristics only. (Low
duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient
temperature.)
AMC78L05
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
TJ = 25
OC
4.8
5.0
5.2
7V
≤ V
IN ≤ 20V, 1mA ≤ IOUT ≤ 40mA
4.75
5.25
Output Voltage
VOUT
1mA
≤ I
OUT ≤ 70mA
4.75
5.25
V
7V
≤ V
IN ≤ 20V,TJ = 25
OC
18
75
Line Regulation
VOI
8V
≤ V
IN ≤ 20V,TJ = 25
OC
10
54
mV
1mA
≤ I
OUT ≤ 100mA, TJ = 25
OC
20
60
Load Regulation
VOL
1mA
≤ I
OUT ≤ 40mA, TJ = 25
OC
5
30
mV
Peak Output Current
IPEAK
TJ = 25
OC
140
mA
Dropout Voltage
TJ = 25
OC
1.7
2.0
V
Quiescent Current
IQ
3
5
mA
Ripple Rejection ( note 1 )
RR
f =120Hz, 8V
≤ V
IN ≤ 16V, TJ = 25
OC
47
62
dB
Output Noise Voltage ( note 1 )
VO RMS 10Hz ≤ f ≤ 100KHz, TJ = 25
OC
40
µV
Note 1:
These parameters, although guaranteed, are not 100% tested in production prior to shipment.
Typical Applications
Fig. 1. Fixed Output Regulator – capacitors are required if
the regulator is far away from the power supply filter.
Fig. 2. Adjustable Output Regulator –
VOUT = 5V + (5V/R1 +IQ)R2
Fig. 3. Current Regulator:
IOUT = (VOUT /R1) + IQ
OUTPUT
OUTPUT
INPUT
INPUT
AMC78L05
AMC78L05
R1
IQ
0.33
µF
0.33
µF
0.1
µF
0.1
µF
R2
INPUT
AMC78L05
R1
0.33
µF
OUTPUT
IOUT


Número de pieza similar - AMC78L05PKF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ADDtek Corp
AMC78L05PKF ADDTEK-AMC78L05PKF Datasheet
102Kb / 7P
   100mA / 3-TERMINAL 5V REGULATOR
JUNE 2006
More results

Descripción similar - AMC78L05PKF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ADDtek Corp
AMC78L05 ADDTEK-AMC78L05 Datasheet
102Kb / 7P
   100mA / 3-TERMINAL 5V REGULATOR
JUNE 2006
logo
NTE Electronics
NTE1917 NTE-NTE1917 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -5V, 100mA
logo
Gamma Microelectronics ...
GM317L GAMMA-GM317L Datasheet
163Kb / 7P
   3-TERMINAL 100mA ADJUSTABLE REGULATOR
logo
ADDtek Corp
AMC79L05 ADDTEK-AMC79L05 Datasheet
90Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
JUNE 2006
logo
Taiwan Semiconductor Co...
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS79L00 TSC-TS79L00_08 Datasheet
133Kb / 9P
   3-Terminal 100mA Negative Voltage Regulator
logo
Exar Corporation
SP78LXX EXAR-SP78LXX Datasheet
506Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
List of Unclassifed Man...
AMC79L05 ETC1-AMC79L05 Datasheet
387Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L00 TSC-TS78L00 Datasheet
524Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com