Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU2370FV Datasheet(PDF) 5 Page - Rohm

No. de pieza BU2370FV
Descripción Electrónicos  VCO phase comparator for TV
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU2370FV Datasheet(HTML) 5 Page - Rohm

  BU2370FV Datasheet HTML 1Page - Rohm BU2370FV Datasheet HTML 2Page - Rohm BU2370FV Datasheet HTML 3Page - Rohm BU2370FV Datasheet HTML 4Page - Rohm BU2370FV Datasheet HTML 5Page - Rohm BU2370FV Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BU2370FV
Multimedia ICs
5/5
Electrical characteristics (Unless otherwise noted,Ta=25
°C, VCC=3.3V)
Operating current consumption
60MHz oscillation when output loaded
Conditions
VCO
Max.oscillation frequency 1
FSEL
=L
Max.oscillation frequency 2
FSEL
=H
Min.oscillation frequency 1
FSEL
=L
Min.oscillation frequency 2
FSEL
=H
Input H voltage (Pin 6)
Inflow current when VDD applied to input
Input control voltage range (Pin 6)
Input L voltage (Pin 6)
Outflow current when GND applied to input
Frequency sensitivity 1
FSEL
=L
Frequency sensitivity 2
FSEL
=H
at 1/2 VDD
Output duty
Rise-time
Time is from VDD 0.2 to VDD 0.8
Fall-time
Time is from VDD 0.2 to VDD 0.8
Min.
30
60
−0.1
1
−0.1
45
Symbol
IDD
FMAX1
FMAX2
FMIN1
FMIN2
IIH
VID
IIL
β1
β2
Duty
tr
tf
Max.
15
30
0.1
3
0.1
55
mA
Unit
MHz
MHz
MHz
MHz
µA
V
µA
MHz/V
MHz/V
%
nsec
nsec
20
0
0
15
30
50
2.5
2.5
Typ.
Parameter
Application example
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT VDD
OUT GND
VCO OUT
VCO VDD
VCO GND
VCO IN
FSEL1
DVDD
DGND
VCO VDD
H:PD Disable(Hi lmp)
L:PD Enable
H:VCO out Disable(L Fix)
L:VCO out Enable
VCO GND
AGND
AVDD
DVDD
REF IN
DGND
OUT VDD
OUT GND
1/N
bypass
capacitor
bypass
capacitor
bypass
capacitor
FIN-B
FIN-A
VCOE
DVDD
DGND
PD OUT
PDE
This line is noise source. But if power line
and GND are divided into two, this line
becoms AVDD,AGND
Please take care this Power line. Because this line is most weak
indigitalnoise. So this line must be separated from digital_VDD,
GND. And place bypass capacitor (0.01
µF) for power pin as close
to BU2370FV as possible.
This line is most noise source. So it should be separated from Analog.
And this line should be connected VDD of external VCC-outdivide.
And place bypass capacitor (0.01
µF) for power pin as close to
BU2370FV as possible.
DVDD,DGND
And place bypass capacitor (0.01
µF) for power pin as close to
BU2370FV as possible.
∗Recommend to control (FSEL1, PDE, VCOE) by power line.(DVDD, DGND)
∗Recommend to use capacitor that is better to reduce high frequency noise.
OUT DVDD,OUT GND


Número de pieza similar - BU2370FV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2373FV ROHM-BU2373FV Datasheet
282Kb / 6P
   VCO & Phase-Detector for PLL System
BU2373FV ROHM-BU2373FV Datasheet
388Kb / 19P
   High Performance VCOs for Image Sampling
BU2373FV ROHM-BU2373FV_11 Datasheet
388Kb / 19P
   High Performance VCOs for Image Sampling
BU2374FV ROHM-BU2374FV Datasheet
97Kb / 8P
   VCO phase comparator IC for PLL system
BU2374FV ROHM-BU2374FV Datasheet
288Kb / 6P
   Silicon monolithic integrated circuit
More results

Descripción similar - BU2370FV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2374FV ROHM-BU2374FV Datasheet
97Kb / 8P
   VCO phase comparator IC for PLL system
logo
Toshiba Semiconductor
TC5081AP TOSHIBA-TC5081AP Datasheet
68Kb / 4P
   PHASE COMPARATOR
TC5081BP TOSHIBA-TC5081BP Datasheet
178Kb / 6P
   PHASE COMPARATOR
logo
National Semiconductor ...
MM54C932 NSC-MM54C932 Datasheet
121Kb / 6P
   Phase Comparator
logo
Rohm
BU2373FV ROHM-BU2373FV Datasheet
282Kb / 6P
   VCO & Phase-Detector for PLL System
logo
Skyworks Solutions Inc.
APN1005 SKYWORKS-APN1005 Datasheet
270Kb / 11P
   A Balanced Wideband VCO for Set-Top TV Tuner Applications
logo
NTE Electronics
NTE1192 NTE-NTE1192 Datasheet
21Kb / 2P
   Integrated Circuit VCO for Phase Lock Loop(PLL)
NTE1208 NTE-NTE1208 Datasheet
19Kb / 2P
   Integrated Circuit CMOS, Phase Comparator
logo
Motorola, Inc
MC14568B MOTOROLA-MC14568B Datasheet
326Kb / 12P
   Phase Comparator and Programmable Counters
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A Datasheet
558Kb / 19P
   PHASE LOCKED LOOP WITH VCO
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com