Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM8951A Datasheet(PDF) 10 Page - SyncMOS Technologies,Inc

No. de pieza SM8951A
Descripción Electrónicos  8 - Bit Micro-controller with 4/8KB flash embedded
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNCMOS [SyncMOS Technologies,Inc]
Página de inicio  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8951A Datasheet(HTML) 10 Page - SyncMOS Technologies,Inc

Back Button SM8951A Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8951A Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8951A Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8951A Datasheet HTML 9Page - SyncMOS Technologies,Inc SM8951A Datasheet HTML 10Page - SyncMOS Technologies,Inc SM8951A Datasheet HTML 11Page - SyncMOS Technologies,Inc SM8951A Datasheet HTML 12Page - SyncMOS Technologies,Inc SM8951A Datasheet HTML 13Page - SyncMOS Technologies,Inc SM8951A Datasheet HTML 14Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
September 2002
Specifications subject to change without notice,contact your sales representatives for the most recent information.
10/17
Ver 1.0
PID 8951A/8952A 09/02
SyncMOS Technologies Inc.
SM8951A/8952A
OSC
ALE
#PSEN
#RD,#WR
PORT2
PORT0
T12
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
T11
T12
T1
T2
1
2
5
7
3
3
4
68
ADDRESS A15 - A8
ADDRESS A15 - A8
Float
A7 - A0
Float
INST in
Float
A7 - A0
Float
INST in
Float
Program Memory Read Cycle Timing
Data Memory Write Cycle Timing
OSC
T12
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
T11
T1
T2
ALE
1
#PSEN
#WR
PORT2
PORT0
5
ADDRESS A15 - A8
INST
Float
A7 - A0
2
2
3
DATA OUT
ADDRESS
or Float
6
4
T12
T3


Número de pieza similar - SM8951A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8951AC25 SYNCMOS-SM8951AC25 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8951AC40 SYNCMOS-SM8951AC40 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8951AL25 SYNCMOS-SM8951AL25 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
More results

Descripción similar - SM8951A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Aplus Intergrated Circu...
APU8951 APLUS-APU8951 Datasheet
544Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB FLASH EMBEDDED
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8051 SYNCMOS-SM8051 Datasheet
423Kb / 16P
   8 - Bit Micro-controller with 4/8KB ROM embedded
SM79108 SYNCMOS-SM79108_06 Datasheet
493Kb / 25P
   8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM79108 SYNCMOS-SM79108 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM8958 SYNCMOS-SM8958 Datasheet
445Kb / 19P
   8-bit Micro-controller with 32K Flash embedded
logo
Aplus Intergrated Circu...
APU8051 APLUS-APU8051 Datasheet
840Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB ROM EMVEDDED
logo
SyncMOS Technologies,In...
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com