Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST16C654CQ64 Datasheet(PDF) 1 Page - Exar Corporation

No. de pieza ST16C654CQ64
Descripción Electrónicos  QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXAR [Exar Corporation]
Página de inicio  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C654CQ64 Datasheet(HTML) 1 Page - Exar Corporation

  ST16C654CQ64 Datasheet HTML 1Page - Exar Corporation ST16C654CQ64 Datasheet HTML 2Page - Exar Corporation ST16C654CQ64 Datasheet HTML 3Page - Exar Corporation ST16C654CQ64 Datasheet HTML 4Page - Exar Corporation ST16C654CQ64 Datasheet HTML 5Page - Exar Corporation ST16C654CQ64 Datasheet HTML 6Page - Exar Corporation ST16C654CQ64 Datasheet HTML 7Page - Exar Corporation ST16C654CQ64 Datasheet HTML 8Page - Exar Corporation ST16C654CQ64 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
5-65
ST16C654/654D
Rev. 4.10
QUAD UART WITH 64-BYTE FIFO AND
INFRARED (IrDA) ENCODER/DECODER
DESCRIPTION
The ST16C654 *1 is a universal asynchronous receiver and transmitter (UART) with a dual foot print interface
compatible with the ST16C554 and ST68C554. The 654 is an enhanced UART with 64 byte FIFOs, automatic
hardware/software flow control, and data rates up to 1.5Mbps. Onboard status registers provide the user with error
indications and operational status, modem interface control. System interrupts may be tailored to meet user
requirements. An internal loopback capability allows onboard diagnostics. The 654 is available in 64 pin TQFP,
68 pin PLCC, and 100 pin QFP packages. The 64 pin package offers the 16 interface mode which is compatible
with the industry standard ST16C554. The 68 and 100 pin packages offer an additional 68 mode which allows easy
integration with Motorola, and other popular microprocessors. The ST16C654CQ64 (64 pin) offers three state
interrupt control while the ST16C654DCQ64 provides constant active interrupt outputs. The 64 pin devices do
not offer TXRDY/RXRDY outputs or the default clock select option (CLKSEL). The 100 pin packages offer faster
channel status access by providing separate outputs for TXRDY and RXRDY, offer separate Infrared TX outputs
and a musical instrument clock input (MIDICLK). The 654 combines the package interface modes of the 16C454/
554 and 68/C454/554 series on a single integrated chip.
Part number
Pins
Package Operating temperature
ST16C654IJ68
68
PLCC
-40° C to + 85° C
ST16C654IQ64
64
TQFP
-40° C to + 85° C
ST16C654DIQ64
64
TQFP
-40° C to + 85° C
ST16C654IQ100
100
QFP
-40° C to + 85° C
Note *1: Patent Pending
FEATURES
·
Compatibility with the Industry Standard
ST16C454/554, ST68C454/554, TL16C554
·
1.5 Mbps transmit/receive operation (24MHz)
·
64 byte transmit FIFO
·
64 byte receive FIFO with error flags
·
Automatic software/hardware flow control
·
Programmable Xon/Xoff characters
·
Independent transmit and receive control
·
Software selectable Baud Rate Generator pre-
scaleable clock rates of 1X, 4X.
·
Four selectable Transmit/Receive FIFO interrupt
trigger levels
·
Standard modem interface or infrared IrDA en-
coder/decoder interface
·
Software flow control turned off optionally by any
(Xon) RX character
·
Independent MIDI interface on 100 pin packages
·
100 pin packages offer internal register FIFO
monitoring and separate IrDA TX outputs
·
Sleep mode ( 200mA stand-by)
ORDERING INFORMATION
Part number
Pins
Package Operating temperature
ST16C654CJ68
68
PLCC
0° C to + 70° C
ST16C654CQ64
64
TQFP
0° C to + 70° C
ST16C654DCQ64
64
TQFP
0° C to + 70° C
ST16C654CQ100
100
QFP
0° C to + 70° C
PLCC Package
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
-DSRA
-CTSA
-DTRA
VCC
-RTSA
INTA
-CSA
TXA
-IOW
TXB
-CSB
INTB
-RTSB
GND
-DTRB
-CTSB
-DSRB
-DSRD
-CTSD
-DTRD
GND
-RTSD
INTD
-CSD
TXD
-IOR
TXC
-CSC
INTC
-RTSC
VCC
-DTRC
-CTSC
-DSRC
ST16C654CJ68
16 MODE


Número de pieza similar - ST16C654CQ64

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Exar Corporation
ST16C654CQ64 EXAR-ST16C654CQ64 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C654CQ64 EXAR-ST16C654CQ64 Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results

Descripción similar - ST16C654CQ64

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
SC16C654 PHILIPS-SC16C654 Datasheet
647Kb / 52P
   Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-19 June 2003
SC16C554 PHILIPS-SC16C554 Datasheet
276Kb / 55P
   Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-10 May 2004
logo
Exar Corporation
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
   Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
SC16C550 PHILIPS-SC16C550 Datasheet
639Kb / 52P
   Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-19 June 2003
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C754B TI-TL16C754B Datasheet
466Kb / 37P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com