Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST16C654DIQ64 Datasheet(PDF) 5 Page - Exar Corporation

No. de pieza ST16C654DIQ64
Descripción Electrónicos  QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXAR [Exar Corporation]
Página de inicio  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C654DIQ64 Datasheet(HTML) 5 Page - Exar Corporation

  ST16C654DIQ64 Datasheet HTML 1Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 2Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 3Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 4Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 5Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 6Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 7Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 8Page - Exar Corporation ST16C654DIQ64 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
ST16C654/654D
5-69
Rev. 4.10
SYMBOL DESCRIPTION
Symbol
Pin
Signal
Pin Description
68
100
64
type
16/-68
31
36
-
I
16/68 Interface Type Select (input with internal pull-up). -
This input provides the 16 (Intel) or 68 (Motorola) bus
interface type select. The functions of -IOR, -IOW, INT A-
D, and -CS A-D are re-assigned with the logical state of this
pin. When this pin is a logic 1, the 16 mode interface 16C554
is selected. When this pin is a logic 0, the 68 mode interface
(68C554) is selected. When this pin is a logic 0, -IOW is re-
assigned to R/-W, RESET is re-assigned to -RESET, -IOR
is not used, and INT A-D(s) are connected in a WIRE-OR”
configuration. The WIRE-OR outputs are connected inter-
nally to the open source IRQ signal output. This pin is not
available on 64 pin packages which operate in the 16 mode
only.
A0
34
39
24
I
Address-0 Select Bit. Internal registers address selection in
16 and 68 modes.
A1
33
38
23
I
Address-1 Select Bit. Internal registers address selection in
16 and 68 modes.
A2
32
37
22
I
Address-2 Select Bit. - Internal registers address selection
in 16 and 68 modes.
A3-A4
20,50
17,64
-
I
Address 3-4 Select Bits. - When the 68 mode is selected,
these pins are used to address or select individual UART’s
(providing -CS is a logic 0). In the 16 mode, these pins are
reassigned as chip selects, see -CSB and -CSC. These pins
are not available on 64 pin packages which operate in the
16 mode only.
CLKSEL
30
35
-
I
Clock Select. - The 1X or 4X pre-scaleable clock is selected
by this pin. The 1X clock is selected when CLKSEL is a logic
1 (connected to VCC) or the 4X is selected when CLKSEL
is a logic 0 (connected to GND). MCR bit-7 can override the
state of this pin following reset or initialization (see MCR bit-
7). This pin is not available on 64 pin packages which
provide MCR bit-7 selection only.
-CS
16
13
-
I
Chip Select. (active low) - In the 68 mode, this pin functions
as a multiple channel chip enable. In this case, all four


Número de pieza similar - ST16C654DIQ64

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Exar Corporation
ST16C654DIQ64 EXAR-ST16C654DIQ64 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C654DIQ64 EXAR-ST16C654DIQ64 Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results

Descripción similar - ST16C654DIQ64

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
SC16C654 PHILIPS-SC16C654 Datasheet
647Kb / 52P
   Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-19 June 2003
SC16C554 PHILIPS-SC16C554 Datasheet
276Kb / 55P
   Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-10 May 2004
logo
Exar Corporation
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
   Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
SC16C550 PHILIPS-SC16C550 Datasheet
639Kb / 52P
   Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-19 June 2003
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C754B TI-TL16C754B Datasheet
466Kb / 37P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com