Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8391AR-REEL7 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD8391AR-REEL7
Descripción Electrónicos  xDSL Line Driver 3 V to 12 V with Power-Down
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8391AR-REEL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8391AR-REEL7 Datasheet HTML 2Page - Analog Devices AD8391AR-REEL7 Datasheet HTML 3Page - Analog Devices AD8391AR-REEL7 Datasheet HTML 4Page - Analog Devices AD8391AR-REEL7 Datasheet HTML 5Page - Analog Devices AD8391AR-REEL7 Datasheet HTML 6Page - Analog Devices AD8391AR-REEL7 Datasheet HTML 7Page - Analog Devices AD8391AR-REEL7 Datasheet HTML 8Page - Analog Devices AD8391AR-REEL7 Datasheet HTML 9Page - Analog Devices AD8391AR-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. 0
AD8391
–6–
FREQUENCY – MHz
0.1
1
1000
10
100
12
9
6
3
0
–3
–6
–12
–9
–15
–18
VS = 6V
G = –2
RL = 10
TPC 7. Output Voltage vs. Frequency
LOAD CURRENT – mA
1500
1000
1250
1000
750
500
250
0
900
800
600
700
500
400
300
200
100
0
VS = 6V
VOL @+85 C
VOL @+25 C
VOL @–40 C
VOH @+85 C
VOH @+25 C
VOH @–40 C
TPC 8. Output Saturation Voltage vs. Load
FREQUENCY – MHz
0.1
1
1000
10
100
18
15
12
9
6
3
0
–6
–3
–9
VS = 6V
G =
2
RL = 10
STANDBY
FULL POWER
TPC 9. Small Signal Frequency Response
FREQUENCY – MHz
0.1
1
1000
10
100
6
3
0
–3
–6
–9
–12
–18
–15
–21
–24
VS = 1.5V
G = –2
RL = 10
TPC 10. Output Voltage vs. Frequency
LOAD CURRENT – mA
1200
500
100
800
600
400
200
0
450
400
300
350
250
200
150
100
50
0
VS = 1.5V
VOH @+85 C
VOH @+25 C
VOH @–40 C
VOL@ –40 C
VOL@+85 C
VOL@ +25 C
TPC 11. Output Saturation Voltage vs. Load
FREQUENCY – MHz
0.1
1
1000
10
100
18
15
12
9
6
3
0
–6
–3
–9
VS = 1.5V
G =
2
RL = 10
STANDBY
FULL POWER
TPC 12. Small Signal Frequency Response


Número de pieza similar - AD8391AR-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8391 AD-AD8391_15 Datasheet
263Kb / 20P
   xDSL Line Driver 3 V to 12 V with Power-Down
REV. A
More results

Descripción similar - AD8391AR-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8391 AD-AD8391_15 Datasheet
263Kb / 20P
   xDSL Line Driver 3 V to 12 V with Power-Down
REV. A
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
logo
Texas Instruments
TLV5614-EP TI-TLV5614-EP_15 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-US QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5614 TI-TLV5614 Datasheet
369Kb / 27P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com