Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MP1497S Datasheet(PDF) 7 Page - Monolithic Power Systems

No. de pieza MP1497S
Descripción Electrónicos  High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1497S Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP1497S Datasheet HTML 3Page - Monolithic Power Systems MP1497S Datasheet HTML 4Page - Monolithic Power Systems MP1497S Datasheet HTML 5Page - Monolithic Power Systems MP1497S Datasheet HTML 6Page - Monolithic Power Systems MP1497S Datasheet HTML 7Page - Monolithic Power Systems MP1497S Datasheet HTML 8Page - Monolithic Power Systems MP1497S Datasheet HTML 9Page - Monolithic Power Systems MP1497S Datasheet HTML 10Page - Monolithic Power Systems MP1497S Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MP1497S – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1497S Rev. 1.01
www.MonolithicPower.com
7
9/7/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
SS
Soft-Start. Connect an external capacitor to program the soft start time for the switch-mode
regulator.
2
IN
Supply Voltage. The MP1497S operates from a 4.5V-to-16V input rail. Use C1 to decouple
the input rail. Connect using a wide PCB trace.
3
SW
Switch Output. Connect using a wide PCB trace.
4
GND
System Ground. The regulated output voltage reference ground. Connect to GND with
copper and vias.
5
BST
Bootstrap. Connect a capacitor between SW and BST pins to form a floating supply across
the high-side switch driver. A 10Ω resistor placed between SW and BST cap is strongly
recommended to reduce SW spike voltage.
6
EN/SYNC
Enable/Synchronize. EN high to enable the MP1497S. Apply an external clock to change
the switching frequency.
7
VCC
Bias Supply. Decouple with a 0.1μF-to-0.22μF capacitor. Avoid a capacitance that
exceeds 0.22μF. VCC capacitor should be put closely to VCC pin and GND pin.
8
FB
Feedback. Connect to the tap of an external resistor divider from the output to GND to set
the output voltage. The comparator lowers the oscillator frequency when the FB voltage
drops below 400mV to prevent current-limit run-away during a short-circuit fault.


Número de pieza similar - MP1497S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Monolithic Power System...
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1497DJ MPS-MP1497DJ Datasheet
504Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
More results

Descripción similar - MP1497S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Monolithic Power System...
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
   High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
   High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475S MPS-MP1475S Datasheet
630Kb / 19P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7316LA ACE-ACE7316LA Datasheet
560Kb / 6P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.1
ACE7273C ACE-ACE7273C Datasheet
154Kb / 3P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8033 BELLING-BL8033 Datasheet
1Mb / 8P
   500KHz, 16V, 3A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com