Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NCV8537 Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza NCV8537
Descripción Electrónicos  High Accuracy Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8537 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV8537_17 Datasheet HTML 6Page - ON Semiconductor NCV8537_17 Datasheet HTML 7Page - ON Semiconductor NCV8537_17 Datasheet HTML 8Page - ON Semiconductor NCV8537_17 Datasheet HTML 9Page - ON Semiconductor NCV8537_17 Datasheet HTML 10Page - ON Semiconductor NCV8537_17 Datasheet HTML 11Page - ON Semiconductor NCV8537_17 Datasheet HTML 12Page - ON Semiconductor NCV8537_17 Datasheet HTML 13Page - ON Semiconductor NCV8537_17 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCV8537
www.onsemi.com
10
TA, TEMPERATURE (°C)
Figure 5. Output Voltage vs. Temperature
1.8 V Version
VOUT = 1.8 V
TA, TEMPERATURE (°C)
Figure 6. Output Voltage vs. Temperature
2.5 V Version
VOUT = 2.5 V
TA, TEMPERATURE (°C)
Figure 7. Output Voltage vs. Temperature 3.3 V
Version
50 mA
500 mA
300 mA
TA, TEMPERATURE (°C)
Figure 8. Output Voltage vs. Temperature 5.0 V
Version
1.75
1.76
1.77
1.78
1.79
1.8
1.81
1.82
1.83
1.84
1.85
−40
−20
0
20
40
60
80
100
120
140
2.47
2.475
2.48
2.485
2.49
2.495
2.5
2.505
2.51
2.515
2.52
−40
−20
0
20
40
60
80
100
120
140
TA, TEMPERATURE (°C)
Figure 9. Dropout Voltage vs. Temperature
1.8 V Version
3.270
3.275
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
−40
−20
0
20
40
60
80
100
120
140
4.85
4.9
4.95
5
5.05
5.1
−40
−20
0
20
40
60
80
100
120
140
VOUT = 3.3 V
VOUT = 5.0 V
0
100
200
300
400
500
600
700
800
900
0
20
40
60
80
100
120
140
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100
120
140
TA, TEMPERATURE (°C)
Figure 10. Dropout Voltage vs. Temperature
2.5 V Version
50 mA
500 mA
300 mA
VIN = 2.9 V
IOUT = 0
VIN = 2.9 V
IOUT = 0
VIN = 5.4 V
IOUT = 0
VIN = 3.7 V
IOUT = 0


Número de pieza similar - NCV8537_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCV8537MN180R2G ONSEMI-NCV8537MN180R2G Datasheet
1Mb / 16P
   500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
NCV8537MN250R2G ONSEMI-NCV8537MN250R2G Datasheet
1Mb / 16P
   500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
NCV8537MN330R2G ONSEMI-NCV8537MN330R2G Datasheet
1Mb / 16P
   500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
NCV8537MN500R2G ONSEMI-NCV8537MN500R2G Datasheet
1Mb / 16P
   500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
NCV8537MNADJR2G ONSEMI-NCV8537MNADJR2G Datasheet
1Mb / 16P
   500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
May, 2013 ??Rev. 2
More results

Descripción similar - NCV8537_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP3301 AD-ADP3301 Datasheet
125Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3307 AD-ADP3307 Datasheet
156Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
128Kb / 8P
   High Accuracy anyCAP?? 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3301AR5 AD-ADP3301AR5 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3303ARZ-3 AD-ADP3303ARZ-3 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3300ARTZ-3.3RL7 AD-ADP3300ARTZ-3.3RL7 Datasheet
133Kb / 8P
   High Accuracy anyCAP짰 50 mA Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com