Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NCV8660B Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza NCV8660B
Descripción Electrónicos  Very Low Iq LD0 150 mA Regulator Delay Time Select
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8660B Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8660B_18 Datasheet HTML 1Page - ON Semiconductor NCV8660B_18 Datasheet HTML 2Page - ON Semiconductor NCV8660B_18 Datasheet HTML 3Page - ON Semiconductor NCV8660B_18 Datasheet HTML 4Page - ON Semiconductor NCV8660B_18 Datasheet HTML 5Page - ON Semiconductor NCV8660B_18 Datasheet HTML 6Page - ON Semiconductor NCV8660B_18 Datasheet HTML 7Page - ON Semiconductor NCV8660B_18 Datasheet HTML 8Page - ON Semiconductor NCV8660B_18 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2011
March, 2018 − Rev. 5
1
Publication Order Number:
NCV8660B/D
NCV8660B
Very Low Iq LD0 150 mA
Regulator with RESET and
Delay Time Select
The NCV8660B is a precision very low Iq low dropout voltage
regulator. Quiescent currents as low as 28
mA typical make it ideal for
automotive applications requiring low quiescent current with or
without a load. Integrated control features such as Reset and Delay
Time Select make it ideal for powering microprocessors.
It is available with a fixed output voltage of 5.0 V and 3.3 V and
regulates within
±2.0%.
Features
Fixed Output Voltage of 5 V and 3.3 V
±2.0% Output Voltage up to VBAT = 40 V
Output Current up to 150 mA
Microprocessor Compatible Control Functions:
Delay Time Select
RESET Output
NCV Prefix for Automotive
Site and Change Control
AEC−Q100 Qualified
Low Dropout Voltage
Low Quiescent Current of 28 mA Typical
Stable Under No Load Conditions
Protection Features:
Thermal Shutdown
Short Circuit
These are Pb−Free Devices
Applications
Automotive:
Body Control Module
Instrument and Clusters
Occupant Protection and Comfort
Powertrain
Battery Powered Consumer Electronics
Figure 1. Application Diagram
DT
OUT
RO
IN
DT
OUT
RO
GND
NCV8660B
COUT
2.2
mF
CIN
0.1
mF
VBAT
13.2 V
www.onsemi.com
www.onsemi.com
DPAK 5−PIN
DT SUFFIX
CASE 175AA
ORDERING INFORMATION
1
5
MARKING
DIAGRAMS
1
x
= 5 for 5 V Output, 3 for 3.3 V Output
y
= 1 for 8 ms, 128 ms Reset Delay,
= 2 for 8 ms, 32 ms Reset Delay
= 3 for 16 ms, 64 ms Reset Delay
= 4 for 32 ms, 128 ms Reset Delay
A
= Assembly Location
L
= Wafer Lot
Y
= Year
WW
= Work Week
G or
G = Pb−Free Package
660yBxG
ALYWW
See detailed ordering and shipping information in the
dimensions section on page 12 of this data sheet.
1
8
660yBx
ALYWW
G
1
8
SOIC−8 FUSED
CASE 751


Número de pieza similar - NCV8660B_18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCV8660B ONSEMI-NCV8660B_11 Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
More results

Descripción similar - NCV8660B_18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCV8660C ONSEMI-NCV8660C Datasheet
144Kb / 11P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2015 ??Rev. 0
NCV8660B ONSEMI-NCV8660B Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV8660 ONSEMI-NCV8660 Datasheet
177Kb / 14P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9
NCV8660B ONSEMI-NCV8660B_11 Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
   150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8675DT50RKG ONSEMI-NCV8675DT50RKG Datasheet
201Kb / 16P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
August, 2011 ??Rev. 7
NCV8675 ONSEMI-NCV8675 Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com