Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NCV8660B Datasheet(PDF) 13 Page - ON Semiconductor

No. de pieza NCV8660B
Descripción Electrónicos  Very Low Iq LD0 150 mA Regulator Delay Time Select
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8660B Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCV8660B_18 Datasheet HTML 6Page - ON Semiconductor NCV8660B_18 Datasheet HTML 7Page - ON Semiconductor NCV8660B_18 Datasheet HTML 8Page - ON Semiconductor NCV8660B_18 Datasheet HTML 9Page - ON Semiconductor NCV8660B_18 Datasheet HTML 10Page - ON Semiconductor NCV8660B_18 Datasheet HTML 11Page - ON Semiconductor NCV8660B_18 Datasheet HTML 12Page - ON Semiconductor NCV8660B_18 Datasheet HTML 13Page - ON Semiconductor NCV8660B_18 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
NCV8660B
www.onsemi.com
13
PACKAGE DIMENSIONS
D
A
K
B
R
V
S
F
L
G
5 PL
M
0.13 (0.005)
T
E
C
U
J
H
−T− SEATING
PLANE
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.22
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.020
0.028
0.51
0.71
E
0.018
0.023
0.46
0.58
F
0.024
0.032
0.61
0.81
G
0.180 BSC
4.56 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.102
0.114
2.60
2.89
L
0.045 BSC
1.14 BSC
R
0.170
0.190
4.32
4.83
S
0.025
0.040
0.63
1.01
U
0.020
−−−
0.51
−−−
V
0.035
0.050
0.89
1.27
Z
0.155
0.170
3.93
4.32
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
R1
0.185
0.210
4.70
5.33
R1
1 234 5
DPAK 5, CENTER LEAD CROP
CASE 175AA
ISSUE B
6.4
0.252
0.8
0.031
10.6
0.417
5.8
0.228
SCALE 4:1
mm
inches
0.34
0.013
5.36
0.217
2.2
0.086
SOLDERING FOOTPRINT*
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Número de pieza similar - NCV8660B_18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCV8660B ONSEMI-NCV8660B_11 Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
More results

Descripción similar - NCV8660B_18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCV8660C ONSEMI-NCV8660C Datasheet
144Kb / 11P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2015 ??Rev. 0
NCV8660B ONSEMI-NCV8660B Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV8660 ONSEMI-NCV8660 Datasheet
177Kb / 14P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9
NCV8660B ONSEMI-NCV8660B_11 Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
   150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8675DT50RKG ONSEMI-NCV8675DT50RKG Datasheet
201Kb / 16P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
August, 2011 ??Rev. 7
NCV8675 ONSEMI-NCV8675 Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCP571 ONSEMI-NCP571_14 Datasheet
258Kb / 11P
   150 mA CMOS Low Iq Low Output Voltage Regulator
June, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com