Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NCV59749 Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza NCV59749
Descripción Electrónicos  3.0 A, Dual-Rail Very Low?륞ropout Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV59749 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV59749 Datasheet HTML 2Page - ON Semiconductor NCV59749 Datasheet HTML 3Page - ON Semiconductor NCV59749 Datasheet HTML 4Page - ON Semiconductor NCV59749 Datasheet HTML 5Page - ON Semiconductor NCV59749 Datasheet HTML 6Page - ON Semiconductor NCV59749 Datasheet HTML 7Page - ON Semiconductor NCV59749 Datasheet HTML 8Page - ON Semiconductor NCV59749 Datasheet HTML 9Page - ON Semiconductor NCV59749 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NCV59749
www.onsemi.com
10
PACKAGE DIMENSIONS
QFN20 5x5, 0.65P
CASE 485DB
ISSUE O
SEATING
0.15
C
(A3)
A
A1
D2
b
1
11
16
E2
20X
6
L
20X
BOTTOM VIEW
DETAIL A
TOP VIEW
SIDE VIEW
D
A B
E
0.15
C
PIN ONE
REFERENCE
0.10
C
0.08
C
C
e
NOTES:
1. DIMENSIONS AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.25 AND 0.30 MM FROM THE TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
5. OPTIONAL FEATURES.
PLANE
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
−−−
0.05
A3
0.20 REF
b
0.25
0.35
D
5.00 BSC
D2
3.05
3.25
E
5.00 BSC
E2
e
0.65 BSC
L
0.45
0.65
3.05
3.25
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.65
3.30
0.40
3.30
20X
0.78
20X
5.30
5.30
L1
DETAIL A
L
ALTERNATE TERMINAL
CONSTRUCTIONS
L
DETAIL B
ALTERNATE
CONSTRUCTION
NOTE 4
DETAIL B
NOTE 3
L1
−−−
0.15
PITCH
DIMENSIONS: MILLIMETERS
A
M
0.10
B
C
M
0.05
C
A
M
0.10
B
C
PACKAGE
OUTLINE
RECOMMENDED
A
M
0.10
B
C
NOTE 5
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NCV59749/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Número de pieza similar - NCV59749

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCV59744 ONSEMI-NCV59744 Datasheet
204Kb / 10P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 0
NCV59744 ONSEMI-NCV59744 Datasheet
526Kb / 12P
   Linear Voltage Regulator - Bias Rail, Very Low Dropout, Programmable Soft-Start 3 A
November, 2021 ??Rev. 2
NCV59744MN2ADJTBG ONSEMI-NCV59744MN2ADJTBG Datasheet
204Kb / 10P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 0
NCV59744MNADJTBG ONSEMI-NCV59744MNADJTBG Datasheet
526Kb / 12P
   Linear Voltage Regulator - Bias Rail, Very Low Dropout, Programmable Soft-Start 3 A
November, 2021 ??Rev. 2
NCV59744 ONSEMI-NCV59744_V01 Datasheet
526Kb / 12P
   Linear Voltage Regulator - Bias Rail, Very Low Dropout, Programmable Soft-Start 3 A
November, 2021 ??Rev. 2
More results

Descripción similar - NCV59749

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCV59748 ONSEMI-NCV59748_17 Datasheet
200Kb / 11P
   Dual-Rail Very Low?륞ropout Linear Regulator
February, 2017 ??Rev. 1
NCP59748 ONSEMI-NCP59748_16 Datasheet
219Kb / 11P
   1.5 A, Dual-Rail Very Low?륞ropout Linear Regulator
December, 2016 ??Rev. 1
NCP59749 ONSEMI-NCP59749 Datasheet
253Kb / 10P
   3.0 A, Dual-Rail Very Low?륞ropout Linear Regulator with Programmable Soft?륲tart
March, 2014 ??Rev. 0
NCP59744 ONSEMI-NCP59744_17 Datasheet
226Kb / 12P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 2
NCV59744 ONSEMI-NCV59744 Datasheet
204Kb / 10P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator
February, 2017 ??Rev. 0
NCV59748 ONSEMI-NCV59748 Datasheet
187Kb / 10P
   1.5 A, Dual-Rail Very Low?륞ropout Linear Regulator with Programmable Soft?륲tart
November, 2015 ??Rev. 0
NCP59748 ONSEMI-NCP59748 Datasheet
220Kb / 11P
   null1.5 A, Dual-Rail Very Low?륞ropout Linear Regulator with Programmable Soft?륲tart
February, 2014 ??Rev. 0
NCP59744 ONSEMI-NCP59744 Datasheet
205Kb / 10P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator with Programmable Soft-Start
January, 2015 ??Rev. 1
SCV59748 ONSEMI-SCV59748 Datasheet
214Kb / 10P
   Linear Voltage Regulator with Bias Rail, 1.5 A, Very Low Dropout
June, 2020 - Rev. 0
NCV59744 ONSEMI-NCV59744_V01 Datasheet
526Kb / 12P
   Linear Voltage Regulator - Bias Rail, Very Low Dropout, Programmable Soft-Start 3 A
November, 2021 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com