Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACT510X Datasheet(PDF) 14 Page - Active-Semi, Inc

No. de pieza ACT510X
Descripción Electrónicos  23V Buck-Boost Converter with Integrated MOSFETs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACTIVE-SEMI [Active-Semi, Inc]
Página de inicio  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT510X Datasheet(HTML) 14 Page - Active-Semi, Inc

Back Button ACT510X Datasheet HTML 10Page - Active-Semi, Inc ACT510X Datasheet HTML 11Page - Active-Semi, Inc ACT510X Datasheet HTML 12Page - Active-Semi, Inc ACT510X Datasheet HTML 13Page - Active-Semi, Inc ACT510X Datasheet HTML 14Page - Active-Semi, Inc ACT510X Datasheet HTML 15Page - Active-Semi, Inc ACT510X Datasheet HTML 16Page - Active-Semi, Inc ACT510X Datasheet HTML 17Page - Active-Semi, Inc ACT510X Datasheet HTML 18Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
ACT510x
Rev 1.0, 04-Apr-2018
14
Input current limit can be set by the ILIM pin and INPUT_ILIM [1:0] Registers 0x10 [3:2]
ISRN
ISRP
VIN
VIN
ILIM
RICS
RILIM
RISRP
RISRN
2V
+
+
-
-
CICS
Figure 6: Input Current Sensing and Current Limit Setting
This voltage on the ILIM pin is calculated by:
VILIM = RICS x IIN × RILIM x 2x10-3
Equation 2
The voltage on this pin is regulated and the charger goes into input current limit mode and starts to reduce the charger
current when this pin voltage reaches 2V. The ILIM pin can also be used to monitor input current .The voltage on ILIM pin
is proportional to the input current.
The filter cap CICS should be 470nF, and RISRP and RISRN should be 30Ω.
If input current limit function is not needed, it can be disabled in INPUT_ILIM Register 0x10 [3:2].
5.5. VOUT Over-Voltage Protection
ACT510x monitors the output voltage and immediately stop switching when senses an overvoltage condition. If the OV
condition lasts for 100msec, then the device will enter HIZ state.
5.6. Regulator Compensation and Inductor Selection
Table 2: L/C Selection Table
47uF is low ESR Ceramic Type. 100uF to 1000uF is bulk electrolytic capacitor.
Frequency
Setting
Inductor MIN
(uH)
Inductor TYP
(uH)
Inductor Max
(uH)
CCOMP1
(nF)
CCOMP2
(nF)
RCOMP
(KOhms)
COUT
(uF)
125Khz
29
42
55
82
8.2
20.0
1000 / 47
250Khz
15
22
29
39
3.9
20.0
470 / 47
500KHz
7
10
13
22
2.2
20.0
220 / 47
1MHZ
4
5.6
7.28
10
1.0
20.0
100 / 47
CICOMP1
CICOMP2
RICOMP1


Número de pieza similar - ACT510X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Active-Semi, Inc
ACT510 ACTIVE-SEMI-ACT510 Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
logo
Aeroflex Circuit Techno...
ACT5101-1 AEROFLEX-ACT5101-1 Datasheet
237Kb / 12P
   ACT5101-1 HIGH VOLTAGE 3-PHASE BRUSHLESS DC MOTOR DRIVE
logo
Active-Semi, Inc
ACT510US-T ACTIVE-SEMI-ACT510US-T Datasheet
171Kb / 4P
   ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
More results

Descripción similar - ACT510X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Active-Semi, Inc
ACT2861QI ACTIVE-SEMI-ACT2861QI Datasheet
4Mb / 91P
   30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
logo
Lite-On Technology Corp...
LSP5526 LITEON-LSP5526 Datasheet
605Kb / 15P
   2A 23V Synchronous Buck Converter
logo
Diodes Incorporated
LSP5526 DIODES-LSP5526 Datasheet
812Kb / 17P
   2A 23V Synchronous Buck Converter
Rev. 9 - 2 July 2022
logo
Allegro MicroSystems
A4450 ALLEGRO-A4450 Datasheet
680Kb / 34P
   Buck-Boost Controller with Integrated Buck MOSFET
logo
Rohm
BD8306MUV ROHM-BD8306MUV Datasheet
1Mb / 29P
   Integrated 2.0A MOSFET 1ch Buck-Boost Converter
logo
Maxim Integrated Produc...
MAX5073 MAXIM-MAX5073_V01 Datasheet
869Kb / 24P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
2014
MAX5073 MAXIM-MAX5073 Datasheet
473Kb / 25P
   2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
Rev 2; 2/06
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
   Boost Converter with Integrated FET
logo
uPI Group Inc.
UP6663 UPI-UP6663 Datasheet
774Kb / 17P
   Integrated Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com