Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACT2804 Datasheet(PDF) 23 Page - Active-Semi, Inc

No. de pieza ACT2804
Descripción Electrónicos  5V/3.4A Dual Cell Battery Power Manager
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACTIVE-SEMI [Active-Semi, Inc]
Página de inicio  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804 Datasheet(HTML) 23 Page - Active-Semi, Inc

Back Button ACT2804_17 Datasheet HTML 15Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 16Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 17Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 18Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 19Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 20Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 21Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 22Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 23Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Rev 3, Apr-17-2017
Innovative Power
TM
- 23 -
www.active-semi.com
Copyright © 2017 Active-Semi, Inc.
ACT2804
QFN55-40 PACKAGE OUTLINE AND DIMENSIONS
Active-Semi, Inc. reserves the right to modify the circuitry or specifications without notice. Users should evaluate each
product to make sure that it is suitable for their applications. Active-Semi products are not intended or authorized for use
as critical components in life-support devices or systems. Active-Semi, Inc. does not assume any liability arising out of
the use of any product or circuit described in this datasheet, nor does it convey any patent license.
Active-Semi and its logo are trademarks of Active-Semi, Inc. For more information on this and other products, contact
sales@active-semi.com or visit http://www.active-semi.com.
is a registered trademark of Active-Semi.
SYMBOL
DIMENSION IN
MILLIMETERS
DIMENSION IN
INCHES
MIN
MAX
MIN
MAX
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.203 REF
0.008 REF
b
0.150
0.250
0.006
0.010
D
4.924
5.076
0.194
0.200
E
4.924
5.076
0.194
0.200
D1
3.300
3.500
0.130
0.138
E1
3.300
3.500
0.130
0.138
e
0.400 TYP
0.016 TYP
L
0.324
0.476
0.013
0.019
k
0.200 MIN
0.008 MIN
PACKAGE OUTLINE


Número de pieza similar - ACT2804_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
More results

Descripción similar - ACT2804_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2803 ACTIVE-SEMI-ACT2803 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2803 ACTIVE-SEMI-ACT2803_16 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2823 ACTIVE-SEMI-ACT2823 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
ACT2823 ACTIVE-SEMI-ACT2823_16 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
   Multi-Cell Li-Ion Battery Manager
ISL78610 INTERSIL-ISL78610 Datasheet
1Mb / 98P
   Multi-Cell Li-Ion Battery Manager
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
   1-Cell Li-Ion Battery Manager
logo
Renesas Technology Corp
ISL78600 RENESAS-ISL78600 Datasheet
3Mb / 105P
   Multi-Cell Li-Ion Battery Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com