Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACT8846 Datasheet(PDF) 21 Page - Active-Semi, Inc

No. de pieza ACT8846
Descripción Electrónicos  Advanced PMU for Multi-core Application Processors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACTIVE-SEMI [Active-Semi, Inc]
Página de inicio  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8846 Datasheet(HTML) 21 Page - Active-Semi, Inc

Back Button ACT8846_17 Datasheet HTML 17Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 18Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 19Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 20Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 21Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 22Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 23Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 24Page - Active-Semi, Inc ACT8846_17 Datasheet HTML 25Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
ACT8846
Rev 7.0 06-Dec-2017
Innovative PowerTM
-
21 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
LOW-POWER(ALWAYS-ON) LDO ELECTRICAL CHARACTERISTICS
(VINL1 = 3.6V, COUT13 = 1µF, TA = 25°C, unless otherwise specified.)
: VNOM refers to the nominal output voltage level for VOUT as defined by the Ordering Information section.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REG13 —
VNOM = 1.8V
Operating Voltage Range
2.5
5.5
V
Output Voltage Accuracy
-
3
VNOM
3
%
Line Regulation
VINL1 = Max (VOUT + 0.2V, 2.5V) to 5.5V
13
mV
Supply Current from VINL1
5
µA
Maximum Output current
50
mA
Recommend Output Capacitor
0.47
µF
PWM LED DRIVER ELECTRICAL CHARACTERISTICS
(VINL2 = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Current
100% Duty Cycle
6
10
16
mA
Output Low Voltage
Feed in with 6mA
0.35
V
Leakage Current
Sinking from 5.5V source
1
µA
PWM Frequency
FRE[2:0] = 000
0.25
Hz
PWM Duty Adjustment
DUTY[3:0] = 0000 to 1111
6.26
100
%


Número de pieza similar - ACT8846_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Active-Semi, Inc
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
More results

Descripción similar - ACT8846_17

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Active-Semi, Inc
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
   Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
   Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
   Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8848 ACTIVE-SEMI-ACT8848_14 Datasheet
599Kb / 37P
   Advanced PMU for Multi-core Application Processors
Rev 2, 15-Nov-12
ACT8847_17 ACTIVE-SEMI-ACT8847_17_06 Datasheet
1Mb / 42P
   Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
ACT8848 ACTIVE-SEMI-ACT8848 Datasheet
80Kb / 2P
   Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8849 ACTIVE-SEMI-ACT8849 Datasheet
708Kb / 35P
   Advanced PMU for Multi-core Application Processors
Rev PrB, 12-Jun-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com