Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PAC5255 Datasheet(PDF) 34 Page - Active-Semi, Inc

No. de pieza PAC5255
Descripción Electrónicos  Power Application Controller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACTIVE-SEMI [Active-Semi, Inc]
Página de inicio  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5255 Datasheet(HTML) 34 Page - Active-Semi, Inc

Back Button PAC5255_18 Datasheet HTML 30Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 31Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 32Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 33Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 34Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 35Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 36Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 37Page - Active-Semi, Inc PAC5255_18 Datasheet HTML 38Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 74 page
background image
PAC5255
Power Application Controller
11.3. Electrical Characteristics
Table 12. Differential Programmable Gain Amplifier (DA) Electrical Characteristics
(VSYS = VCCIO = 5V, VCC33 = 3.3V, and TA = -40°C to 105°C unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNI
T
ICC;DA
Operating supply current
Each enabled amplifier
150
300
µA
VICMR;DA
Input common mode range
-0.3
3.5
V
VOLR;DA
Output linear range
0.1
3.5
V
VOS;DA
Input offset voltage
Gain = 48x, VDAxP= VDAxN = 0V, TA = 25°C
-8
8
mV
AVZI;DA
Differential amplifier gain
(zero ohm source impedance)
Gain = 1x
-2%
1
2%
Gain = 2x
2
Gain = 4x
4
Gain = 8x, VDAxP = 125mV, VDAxN = 0V,
TA = 25°C
8
Gain = 16x
16
Gain = 32x
32
Gain = 48x
48
kCMRR;DA
Common mode rejection ratio
Gain = 8x, VDAxP= VDAxN = 0V, TA = 25°C
55
dB
RINDIF;DA
Differential input impedance
27
kΩ
Slew rate (1)
Gain = 8x
7
10
V/µs
tST;DA
Settling time (1)
To 1% of final value
200
400
ns
(1) Guaranteed by design.
Table 13. Single-Ended Programmable Gain Amplifier (AMP) Electrical Characteristics
(VSYS = VCCIO = 5V, VCC33 = 3.3V, and TA = -40°C to 105°C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNI
T
ICC;AMP
Operating supply current
Each enabled amplifier
80
140
µA
VOLR;AMP
Output linear range
0.1
3.5
V
VOS;AMP
Input offset voltage
Gain = 1x, TA = 25°C, VAMPX = 2.5V
-10
10
mV
AV;AMP
Amplifier gain
Gain = 1x
-2%
1
2%
Gain = 2x
2
Gain = 4x
4
Gain = 8x, VAMPx = 125mV, TA = 25°C
8
Gain = 16x
16
Gain = 32x
32
Gain = 48x
48
IIN;AMP
Input current
0
1
µA
Slew rate (1)
Gain = 8x
8
12
V/µs
tST;AMP
Settling time (1)
To 1% of final value
150
300
ns
(1) Guaranteed by design.
- 34 -
Rev 1.10‒March 3, 2018


Número de pieza similar - PAC5255_18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Active-Semi, Inc
PAC5255QF ACTIVE-SEMI-PAC5255QF Datasheet
746Kb / 71P
   Power Application Controller
Rev 1.1-April 15, 2016
More results

Descripción similar - PAC5255_18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Active-Semi, Inc
PAC5250_17 ACTIVE-SEMI-PAC5250_17_06 Datasheet
808Kb / 74P
   Power Application Controller
Rev 1.14-June 15, 2017
PAC5220 ACTIVE-SEMI-PAC5220_17 Datasheet
841Kb / 69P
   Power Application Controller
Rev 1.5-April 17, 2016
PAC5250 ACTIVE-SEMI-PAC5250 Datasheet
769Kb / 70P
   Power Application Controller
Rev 1.6-January 28, 2016
PAC5223 ACTIVE-SEMI-PAC5223 Datasheet
832Kb / 67P
   Power Application Controller
Rev 1.10 -January 28, 2016
PAC5210 ACTIVE-SEMI-PAC5210_16 Datasheet
728Kb / 66P
   Power Application Controller
Rev 1.6-April 15, 2016
PAC5250 ACTIVE-SEMI-PAC5250_17 Datasheet
739Kb / 70P
   Power Application Controller
Rev 1.7-April 15, 2016
PAC5253 ACTIVE-SEMI-PAC5253_17 Datasheet
799Kb / 71P
   Power Application Controller
Rev 1.18-December 29, 2016
PAC5232 ACTIVE-SEMI-PAC5232 Datasheet
1Mb / 66P
   Power Application Controller
Rev 1.1 6-Jan-2018
PAC5523 ACTIVE-SEMI-PAC5523 Datasheet
1Mb / 89P
   Power Application Controller
Rev 1.1 - May 30, 2018
PAC5220 ACTIVE-SEMI-PAC5220 Datasheet
1Mb / 73P
   Power Application Controller
Rev 1.0-February 25, 2014
PAC5253 ACTIVE-SEMI-PAC5253 Datasheet
762Kb / 68P
   Power Application Controller
Rev 1.10-January 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com