Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M74HC126RM13TR Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza M74HC126RM13TR
Descripción Electrónicos  QUAD BUS BUFFER (3-STATE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC126RM13TR Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC126RM13TR Datasheet HTML 1Page - STMicroelectronics M74HC126RM13TR Datasheet HTML 2Page - STMicroelectronics M74HC126RM13TR Datasheet HTML 3Page - STMicroelectronics M74HC126RM13TR Datasheet HTML 4Page - STMicroelectronics M74HC126RM13TR Datasheet HTML 5Page - STMicroelectronics M74HC126RM13TR Datasheet HTML 6Page - STMicroelectronics M74HC126RM13TR Datasheet HTML 7Page - STMicroelectronics M74HC126RM13TR Datasheet HTML 8Page - STMicroelectronics M74HC126RM13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
M74HC126
5/10
TEST CIRCUIT
CL = 50pF/150pF or equivalent (includes jig and probe capacitance)
R1 = 1KΩ or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
WAVEFORM 1 : PROPAGATION DELAY TIMES (f=1MHz; 50% duty cycle)
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
VCC
tPZH, tPHZ
GND


Número de pieza similar - M74HC126RM13TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M74HC126 STMICROELECTRONICS-M74HC126 Datasheet
256Kb / 9P
   QUAD BUS BUFFERS 3-STATE
March 2004
M74HC126B1R STMICROELECTRONICS-M74HC126B1R Datasheet
256Kb / 9P
   QUAD BUS BUFFERS 3-STATE
March 2004
M74HC126C1R STMICROELECTRONICS-M74HC126C1R Datasheet
256Kb / 9P
   QUAD BUS BUFFERS 3-STATE
March 2004
M74HC126F1R STMICROELECTRONICS-M74HC126F1R Datasheet
256Kb / 9P
   QUAD BUS BUFFERS 3-STATE
March 2004
M74HC126M1R STMICROELECTRONICS-M74HC126M1R Datasheet
256Kb / 9P
   QUAD BUS BUFFERS 3-STATE
March 2004
More results

Descripción similar - M74HC126RM13TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M74HCT125 STMICROELECTRONICS-M74HCT125_01 Datasheet
172Kb / 9P
   QUAD BUS BUFFER (3-STATE)
M74HCT125B1R STMICROELECTRONICS-M74HCT125B1R Datasheet
178Kb / 9P
   QUAD BUS BUFFER (3-STATE)
M74HCT126 STMICROELECTRONICS-M74HCT126 Datasheet
171Kb / 9P
   QUAD BUS BUFFER (3-STATE)
M74HC125 STMICROELECTRONICS-M74HC125_01 Datasheet
179Kb / 10P
   QUAD BUS BUFFER (3-STATE)
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
117Kb / 9P
   RAD-HARD QUAD BUS BUFFER (3-STATE)
logo
Renesas Technology Corp
RD74LVC126B RENESAS-RD74LVC126B Datasheet
99Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A_15 Datasheet
100Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV126A HITACHI-HD74LV126A Datasheet
58Kb / 14P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 HITACHI-HD74HC125 Datasheet
49Kb / 10P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A HITACHI-HD74LVC125A Datasheet
40Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com