Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NBSG86ABAR2 Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza NBSG86ABAR2
Descripción Electrónicos  2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG86ABAR2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NBSG86ABAR2 Datasheet HTML 5Page - ON Semiconductor NBSG86ABAR2 Datasheet HTML 6Page - ON Semiconductor NBSG86ABAR2 Datasheet HTML 7Page - ON Semiconductor NBSG86ABAR2 Datasheet HTML 8Page - ON Semiconductor NBSG86ABAR2 Datasheet HTML 9Page - ON Semiconductor NBSG86ABAR2 Datasheet HTML 10Page - ON Semiconductor NBSG86ABAR2 Datasheet HTML 11Page - ON Semiconductor NBSG86ABAR2 Datasheet HTML 12Page - ON Semiconductor NBSG86ABAR2 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NBSG86A
http://onsemi.com
9
Table 13. AC CHARACTERISTICS for FCBGA−16
VCC = 0 V; VEE = −3.465 V to −2.375 V or VCC = 2.375 V to 3.465 V; VEE = 0 V
−40
°C
25
°C
70
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Frequency
(See Figure 8) (Note 25)
7
8
7
8
7
8
GHz
VOUTPP
Output Voltage Amplitude
(OLS = VCC)fin v 7 GHz
550
740
500
720
450
700
mV
tPLH,
tPHL
Propagation Delay to Output Differential
D/SEL
→ Q
110
160
210
115
165
215
120
170
220
ps
tSKEW
Duty Cycle Skew (Note 26)
5
15
5
15
5
15
ps
tSKEW
Channel Skew
Q
→ D/SEL
5
20
5
20
5
20
ps
tJITTER
RMS Random Clock Jitter
(See Figure 8) (Note 25)
fin v 7 GHz
Peak−to−Peak Data Dependent Jitter
fin v 7 Gb/s
0.5
12
1.5
0.5
12
1.5
0.5
12
1.5
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration) (Note 27)
75
2600
75
2600
75
2600
mV
tr
tf
Output Rise/Fall Times (20% − 80%)
(Q, Q)
@ 1 GHz
20
40
65
20
40
65
20
40
65
ps
25. Measured using a 500 mV source, 50% duty cycle clock source. All loading with 50
W to VCC − 2.0 V. Input edge rates 40 ps (20% − 80%).
26. tSKEW = |tPLH − tPHL| for a nominal 50% differential clock input waveform. See Figure 12.
27. VINPP (max) cannot exceed VCC − VEE.
Table 14. AC CHARACTERISTICS for QFN−16
VCC = 0 V; VEE = −3.465 V to −2.375 V or VCC = 2.375 V to 3.465 V; VEE = 0 V
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Frequency
(See Figure 8) (Note 28)
7
8
7
8
7
8
GHz
VOUTPP
Output Voltage Amplitude
fin v 7 GHz
(OLS = VCC)fin = 8 GHz
590
270
730
440
470
230
720
420
540
180
700
390
mV
mV
tPLH,
tPHL
Propagation Delay to Output Differential
D/SEL
→ Q
110
160
210
115
165
215
120
170
220
ps
tSKEW
Duty Cycle Skew (Note 29)
5
15
5
15
5
15
ps
tSKEW
Channel Skew
Q
→ D/SEL
5
20
5
20
5
20
ps
tJITTER
RMS Random Clock Jitter
(See Figure 8) (Note 31)
fin v 7 GHz
Peak−to−Peak Data Dependent Jitter
(Note 32)
fin v 7 Gb/s
0.5
12
1.5
0.5
12
1.5
0.5
12
1.5
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration) (Note 30)
75
2600
75
2600
75
2600
mV
tr
tf
Output Rise/Fall Times (20% − 80%)
(Q, Q)
tr
@ 1 GHz
tf
30
17
45
35
60
65
30
17
45
35
60
65
30
17
45
35
60
65
ps
28. Measured using a 500 mV source, 50% duty cycle clock source. All loading with 50
W to VCC − 2.0 V. Input edge rates 40 ps (20% − 80%).
29. tSKEW = |tPLH − tPHL| for a nominal 50% differential clock input waveform. See Figure 12.
30. VINPP (max) cannot exceed VCC − VEE.
31. Additive RMS jitter with 50% duty cycle clock signal at 7 GHz.
32. Additive Peak−to−Peak data dependent jitter with NRZ PRBS 231−1 data rate at 7 Gb/s.


Número de pieza similar - NBSG86ABAR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NBSG86ABAR2 ONSEMI-NBSG86ABAR2 Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
More results

Descripción similar - NBSG86ABAR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NBSG86A ONSEMI-NBSG86A_06 Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NBSG86A ONSEMI-NBSG86A_14 Datasheet
137Kb / 17P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
June, 2014 ??Rev. 19
NBSG86A ONSEMI-NBSG86A_18 Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
NB7L86A ONSEMI-NB7L86A Datasheet
395Kb / 18P
   2.5 V/3.3 V SiGe Differential Smart Gate with Output Level Select
December, 2019 ??Rev. 0
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com