Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST083S08PFN1 Datasheet(PDF) 9 Page - International Rectifier

No. de pieza ST083S08PFN1
Descripción Electrónicos  INVERTER GRADE THYRISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

ST083S08PFN1 Datasheet(HTML) 9 Page - International Rectifier

  ST083S08PFN1 Datasheet HTML 1Page - International Rectifier ST083S08PFN1 Datasheet HTML 2Page - International Rectifier ST083S08PFN1 Datasheet HTML 3Page - International Rectifier ST083S08PFN1 Datasheet HTML 4Page - International Rectifier ST083S08PFN1 Datasheet HTML 5Page - International Rectifier ST083S08PFN1 Datasheet HTML 6Page - International Rectifier ST083S08PFN1 Datasheet HTML 7Page - International Rectifier ST083S08PFN1 Datasheet HTML 8Page - International Rectifier ST083S08PFN1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
ST083S Series
Fig. 14 - Maximum On-state Energy Power Loss Characteristics
Fig. 15 - Gate Characteristics
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VGD
IGD
(b )
(a )
(1)
(2)
Inst ant a ne ous Ga te C urrent (A)
Rec tangula r ga te pulse
a) Recommended load line for
b) Recommend ed load line fo r
<=30% ra ted d i/ d t : 10V, 10ohm s
rate d d i/ d t : 20V, 10o hms; tr<=1 µs
tr<=1 µs
(1) PGM = 10W, tp = 20ms
(2) PGM = 20W, tp = 10ms
(3) PGM = 40W, tp = 5m s
(4) PGM = 60W, tp = 3.3m s
(3)
Devic e: ST083SSeries
(4)
Freq uenc y Lim ited b y PG(AV)
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
Pulse Basewidth (µs)
20 joulesper pulse
2
1
0.5
0.3
0.2
0.1
ST083SSeries
Sinusoidal pulse
10
5
3
tp
1E4 1E1
1E2
1E3
1E4
Pulse Basewidth (µs)
ST083SSeries
Rectangular pulse
di/ dt = 50A/ µs
20 joulesp er pulse
7.5
4
2
1
0.5
0.3
0.2
0.1
tp
1E1
To Order
Next Data Sheet
Index
Previous Datasheet


Número de pieza similar - ST083S08PFN1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
logo
New Jersey Semi-Conduct...
ST083S NJSEMI-ST083S Datasheet
157Kb / 4P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
ST083S12PFN0PBF VISHAY-ST083S12PFN0PBF Datasheet
164Kb / 9P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 25-Jul-08
ST083S12PFN1PBF VISHAY-ST083S12PFN1PBF Datasheet
164Kb / 9P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 25-Jul-08
ST083SPBF VISHAY-ST083SPBF Datasheet
164Kb / 9P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 25-Jul-08
More results

Descripción similar - ST083S08PFN1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
ST183C08CFN0 IRF-ST183C08CFN0 Datasheet
196Kb / 10P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST303S04PFN0P VISHAY-VS-ST303S04PFN0P Datasheet
309Kb / 11P
   Inverter Grade Thyristors
Revision: 08-Jul-14
logo
International Rectifier
ST173CPBF IRF-ST173CPBF Datasheet
279Kb / 9P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST333C04CFL0 VISHAY-VS-ST333C04CFL0 Datasheet
279Kb / 11P
   Inverter Grade Thyristors
Revision: 20-Dec-13
VS-ST103SP VISHAY-VS-ST103SP Datasheet
192Kb / 11P
   Inverter Grade Thyristors
Revision: 11-Mar-14
logo
New Jersey Semi-Conduct...
ST083S NJSEMI-ST083S Datasheet
157Kb / 4P
   INVERTER GRADE THYRISTORS
ST303S NJSEMI-ST303S Datasheet
199Kb / 5P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST223C VISHAY-VS-ST223C Datasheet
246Kb / 11P
   Inverter Grade Thyristors
Revision: 02-Jun-15
VS-ST183S08PFL0P VISHAY-VS-ST183S08PFL0P Datasheet
1Mb / 11P
   Inverter Grade Thyristors
Revision: 11-Mar-14
VS-ST083S04 VISHAY-VS-ST083S04 Datasheet
217Kb / 11P
   Inverter Grade Thyristors
Revision: 26-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com