Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS5A3167 Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TS5A3167 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 20 page TS5A3167 0.9 W SPST ANALOG SWITCH SCDS187 − FEBRUARY 2005 www.ti.com 3 Electrical Characteristics for 5-V Supply(1) V+ = 4.5 V to 5.5 V, TA = −40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal range VCOM, VNC 0 V+ V Peak ON resistance rpeak 0 ≤ VNC ≤ V+, Switch ON, 25 °C 4.5 V 0.8 1.1 Ω Peak ON resistance rpeak 0 ≤ VNC ≤ V+, ICOM = −100 mA, Switch ON, See Figure 13 Full 4.5 V 1.2 Ω ON-state resistance ron VNC = 2.5 V, Switch ON, 25 °C 4.5 V 0.7 0.9 Ω ON-state resistance ron VNC = 2.5 V, ICOM = −100 mA, Switch ON, See Figure 13 Full 4.5 V 1 Ω ON-state resistance ron(flat) 0 ≤ VNC ≤ V+, ICOM = −100 mA Switch ON, 25 °C 4.5 V 0.15 Ω ON-state resistance flatness ron(flat) VNC = 1 V, 1.5 V, 2.5 V, Switch ON, See Figure 13 25 °C 4.5 V 0.09 0.15 Ω flatness VNC = 1 V, 1.5 V, 2.5 V, ICOM = −100 mA See Figure 13 Full 0.15 INC(OFF) VNC = 1 V, VCOM = 4.5 V, or 25 °C 5.5 V −20 4 20 nA NC OFF leakage current INC(OFF) NC COM or VNC = 4.5 V, VCOM = 1 V Switch OFF, See Figure 14 Full 5.5 V −20 20 nA OFF leakage current INC(PWROFF) VNC = 0 to 5.5 V, See Figure 14 25 °C 0 V −5 0.4 5 A INC(PWROFF) VNC = 0 to 5.5 V, VCOM = 5.5 V to 0 Full 0 V −15 15 µA ICOM(OFF) VCOM = 1 V, VNC = 4.5 V, or 25 °C 5.5 V −20 4 20 nA COM OFF leakage current ICOM(OFF) COM NC or VCOM = 4.5 V, VNC = 1 V Switch OFF, See Figure 14 Full 5.5 V −100 100 nA OFF leakage current ICOM(PWROFF) VCOM = 5.5 V to 0, See Figure 14 25 °C 0 V −5 0.4 5 A ICOM(PWROFF) VCOM = 5.5 V to 0, VNC = 0 to 5.5 V Full 0 V −15 15 µA NC INC(ON) VNC = 1 V, VCOM = Open, or Switch ON, 25 °C 5.5 V −2 0.3 2 nA NC ON leakage current INC(ON) NC COM or VNC = 4.5 V, VCOM = Open, Switch ON, See Figure 15 Full 5.5 V −20 20 nA COM ICOM(ON) VCOM = 1 V, VNC = Open, or Switch ON, 25 °C 5.5 V −2 0.3 2 nA COM ON leakage current ICOM(ON) COM NC or VCOM = 4.5 V, VNC = Open, Switch ON, See Figure 15 Full 5.5 V −20 20 nA Digital Control Input (IN) Input logic high VIH Full 2.4 5.5 V Input logic low VIL Full 0 0.8 V Input leakage current IIH, IIL VI = 5.5 V or 0 25 °C 5.5 V −2 0.3 2 nA Input leakage current IIH, IIL VI = 5.5 V or 0 Full 5.5 V −20 20 nA (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum |
Número de pieza similar - TS5A3167 |
|
Descripción similar - TS5A3167 |