Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSE-0155-32S-P1-3 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

No. de pieza TSE-0155-32S-P1-3
Descripción Electrónicos  SINGLE MODE SINGLE FIBER TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

TSE-0155-32S-P1-3 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TSE-0155-32S-P1-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers TSE-0155-32S-P1-3 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TX-1310/RX-1550 nm Single-mode Bi-directional (Single-Fiber)Transceiver
2
×5 SC Simplex Connector, 3.3 V (17dB Margin)
155 Mbps ATM/SONET OC-3/SDH STM-1
Headquarters :
No. 669, Sec. 4 Chung Hsing Road
Chudung, HsinChu, Taiwan 310, ROC
Tel: +886-3-582-8270
Fax: +886-3-582-8416
Revision : 4.5
7/10
Date : 2003/02/17
http:// www.ritekom.com
Recommended Circuit Schematic
DC/DC Coupling
1
5
4
3
2
6
9
10
7
RX GND
RD+
RD
SD
V
CCR
TD
TD+
TX GND
C2
L2
V
CC
RiteKom Transceiver
TD+
C1
L1
TD
V
CC
RD+
RD
C3
Laser
Driver
LIMITING
Amplifier
Signal detect
Pre-
Amp
V
CCT
ECL/PECL
DRIVER
Serializer/
Deserializer
Receiver
PLL etc.
C4
8 TXDIS
C1/C2/C4 = 0.1
µF
C3 = 4.7
µF
L1/L2 = 1
µH
R1/R3/R5/R7/R9 = 130
R2/R4/R6/R8/R10 = 82
In order to get proper functionality, a recommended circuit is provided in above recommended circuit schematic. When designing the circuit
interface, there are a few fundamental guidelines to follow.
(1) The differential data lines should be treated as 50
Ω Micro strip or strip line transmission lines. This will help to minimize the parasitic inductance
and capacitance effects. Locate termination at the received signal end of the transmission line. The length of these lines should be kept short and of
equal length.
(2) For the high speed signal lines, differential signals should be used, not single-ended signals, and these differential signals need to be loaded
symmetrically to prevent unbalanced currents which will cause distortion in the signal.
(3) Multi layer plane PCB is best for distribution of VCC, returning ground currents, forming transmission lines and shielding, Also, it is important to
suppress noise from influencing the fiber-optic transceiver performance, especially the receiver circuit.
(4) A separate proper power supply filter circuits shown in Figure for the transmitter and receiver sections. These filter circuits suppress VCC noise over
a broad frequency range, this prevents receiver sensitivity degradation due to VCC noise.
(5) Surface-mount components are recommended. Use ceramic bypass capacitors for the 0.1 µF capacitors and a surface-mount coil inductor for 1 µH
inductor. Ferrite beads can be used to replace the coil inductors when using quieter VCC supplies, but a coil inductor is recommended over a ferrite
bead. All power supply components need to be placed physically next to the VCC pins of the receiver and transmitter.
(6) Use a good, uniform ground plane with a minimum number of holes to provide a low-inductance ground current return for the power supply currents.


Número de pieza similar - TSE-0155-32S-P1-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Adam Technologies, Inc.
TSE-XX-C ADAM-TECH-TSE-XX-C Datasheet
84Kb / 1P
   CENTRALLINE LEVER BLOCK
TSE-XX-C-FL ADAM-TECH-TSE-XX-C-FL Datasheet
93Kb / 1P
   CENTRALLINE LEVER BLOCK
More results

Descripción similar - TSE-0155-32S-P1-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Optoway Technology Inc
SPM-9600MG_2015 OPTOWAY-SPM-9600MG_2015 Datasheet
177Kb / 6P
   Multirate Multi-Mode Single-Fiber SFP Transceiver
SPM-9700MG_2015 OPTOWAY-SPM-9700MG_2015 Datasheet
177Kb / 6P
   Multirate Multi-Mode Single-Fiber SFP Transceiver
SPM-9600MG OPTOWAY-SPM-9600MG_15 Datasheet
177Kb / 6P
   Multirate Multi-Mode Single-Fiber SFP Transceiver
SPM-9700MG OPTOWAY-SPM-9700MG_15 Datasheet
177Kb / 6P
   Multirate Multi-Mode Single-Fiber SFP Transceiver
SPM-7600G_2015 OPTOWAY-SPM-7600G_2015 Datasheet
176Kb / 6P
   1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-3602G OPTOWAY-SPM-3602G_15 Datasheet
177Kb / 6P
   125 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-5601G OPTOWAY-SPM-5601G_15 Datasheet
177Kb / 6P
   622 Mbps Multi-Mode Single-Fiber SFP Transceiver
SPM-9600G OPTOWAY-SPM-9600G_15 Datasheet
176Kb / 6P
   2.5 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-7700G_2015 OPTOWAY-SPM-7700G_2015 Datasheet
177Kb / 6P
   1.25 Gbps Multi-Mode Single-Fiber SFP Transceiver
SPM-5601G_2015 OPTOWAY-SPM-5601G_2015 Datasheet
177Kb / 6P
   622 Mbps Multi-Mode Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com